Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALS31A473MF063 Datasheet (PDF) - Kemet Corporation

ALS31A473MF063 Datasheet PDF - Kemet Corporation
Part # ALS31A473MF063
Download  ALS31A473MF063 Download

File Size   80.09 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Aluminum Electrolytic, 85C, ALS31, 0.047 F, 20%, 63 V, -40/85C

ALS31A473MF063 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALS31A473MF063 Datasheet PDF - Kemet Corporation

Part # ALS31A473MF063
Download  ALS31A473MF063 Click to download

File Size   80.09 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Aluminum Electrolytic, 85C, ALS31, 0.047 F, 20%, 63 V, -40/85C

ALS31A473MF063 Datasheet (HTML) - Kemet Corporation

ALS31A473MF063 Datasheet HTML 1Page - Kemet Corporation

ALS31A473MF063 Product details

Overview
KEMETs ALS30/31 Series of screw terminal capacitors covers a wide range of case sizes and voltage ratings featuring high ripple currents and long-life performance. They are ideally suited for industrial and commercial applications demanding high reliability and long-life expectancy such as frequency converters, uninterruptible power supply (UPS) systems and switch mode power supplies (SMPS).

Benefits
•  Compact size
•  Long life, up to 20,000 hours at +85°C (VR, IR applied)
•  High ripple current
•  Excellent surge voltage capability
•  Optimized designs available upon request

Applications
   Typical applications for KEMETs ALS30/31 Series of capacitors include smoothing, energy storage or pulse operation in telecommunication demanding power supplies, process control, AC motor control, traction, welding, and measuring.




Similar Part No. - ALS31A473MF063

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS31A473KE040 KEMET-ALS31A473KE040 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS31, 0.047 F, 20%, 40 V, -40/85C
More results


Similar Description - ALS31A473MF063

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS31A473KE040 KEMET-ALS31A473KE040 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS31, 0.047 F, 20%, 40 V, -40/85C
ALS31A103DE063 KEMET-ALS31A103DE063 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS31, 0.01 F, 20%, 63 V, -40/85C
ALS31A104NP063 KEMET-ALS31A104NP063 Datasheet
79Kb / 1P
   ALS31, Aluminum Electrolytic, 85C, 0.1 F, 20%, 63 V, -40/85C
ALS31A223KE063 KEMET-ALS31A223KE063 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS31, 0.022 F, 20%, 63 V, -40/85C
ALS30A473MF063 KEMET-ALS30A473MF063 Datasheet
75Kb / 1P
   Aluminum Electrolytic, 85C, ALS30, 0.047 F, 20%, 63 V, -40/85C
ALS31A472DA063 KEMET-ALS31A472DA063 Datasheet
79Kb / 1P
   ALS31, Aluminum Electrolytic, 85C, 4700 uF, 20%, 63 V, -40/85C
ALS31A103DA040 KEMET-ALS31A103DA040 Datasheet
79Kb / 1P
   ALS31, Aluminum Electrolytic, 85C, 0.01 F, 20%, 40 V, -40/85C
ALS31A223MF100 KEMET-ALS31A223MF100 Datasheet
79Kb / 1P
   ALS31, Aluminum Electrolytic, 85C, 0.022 F, 20%, 100 V, -40/85C
ALS31A103NF200 KEMET-ALS31A103NF200 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS31, 0.01 F, 20%, 200 V, -40/85C
ALS31A103KE100 KEMET-ALS31A103KE100 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS31, 0.01 F, 20%, 100 V, -40/85C
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com