Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L008TV-70 Datasheet (PDF) - AMIC Technology

A29L008TV-70 Datasheet PDF - AMIC Technology
Part # A29L008TV-70
Download  A29L008TV-70 Download

File Size   335.0 Kbytes
Page   36 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory

A29L008TV-70 Datasheet (PDF)

Go To PDF Page Download Datasheet
A29L008TV-70 Datasheet PDF - AMIC Technology

Part # A29L008TV-70
Download  A29L008TV-70 Click to download

File Size   335.0 Kbytes
Page   36 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory

A29L008TV-70 Datasheet (HTML) - AMIC Technology

Back Button A29L008TV-70 Datasheet HTML 1Page - AMIC Technology A29L008TV-70 Datasheet HTML 2Page - AMIC Technology A29L008TV-70 Datasheet HTML 3Page - AMIC Technology A29L008TV-70 Datasheet HTML 4Page - AMIC Technology A29L008TV-70 Datasheet HTML 5Page - AMIC Technology A29L008TV-70 Datasheet HTML 6Page - AMIC Technology A29L008TV-70 Datasheet HTML 7Page - AMIC Technology A29L008TV-70 Datasheet HTML 8Page - AMIC Technology A29L008TV-70 Datasheet HTML 9Page - AMIC Technology A29L008TV-70 Datasheet HTML 10Page - AMIC Technology Next Button 

A29L008TV-70 Product details

General Description
The A29L008 is an 8Mbit, 3.0 volt-only Flash memory organized as 1,048,576 bytes. The data appear on I/O0 - I/O7. The A29L008 is offered in 40-pin TSOP package. This device is designed to be programmed in-system with the standard system 3.0 volt VCC supply. Additional 12.0 volt VPP is not required for in-system write or erase operations. However, the A29L008 can also be programmed in standard EPROM programmers.

Features
■ Single power supply operation
    - Full voltage range: 2.7 to 3.6 volt read and write
        operations for battery-powered applications
■ Access times:
    - 70/90 (max.)
■ Current:
    - 9 mA typical active read current
    - 20 mA typical program/erase current
    - 200 nA typical CMOS standby
    - 200 nA Automatic Sleep Mode current
■ Flexible sector architecture
    - 16 Kbyte/ 8 KbyteX2/ 32 Kbyte/ 64 KbyteX15 sectors
    - Any combination of sectors can be erased
    - Supports full chip erase
    - Sector protection:
        A hardware method of protecting sectors to prevent
        any inadvertent program or erase operations within
        that sector. Temporary Sector Unprotect feature
        allows code changes in previously locked sectors
■ Extended operating temperature range: -40°C ~ +85°C
    for -U series
■ Unlock Bypass Program Command
    - Reduces overall programming time when issuing
        multiple program command sequence
■ Top or bottom boot block configurations available
■ Embedded Algorithms
    - Embedded Erase algorithm will automatically erase
        the entire chip or any combination of designated
        sectors and verify the erased sectors
    - Embedded Program algorithm automatically writes
        and verifies data at specified addresses
■ Typical 100,000 program/erase cycles per sector
■ 20-year data retention at 125°C
    - Reliable operation for the life of the system
■ Compatible with JEDEC-standards
    - Pinout and software compatible with single-powersupply Flash memory standard
    - Superior inadvertent write protection
■ Data Polling and toggle bits
    - Provides a software method of detecting completion
        of program or erase operations
■ Ready / BUSY pin (RY / BY)
    - Provides a hardware method of detecting completion
        of program or erase operations
■ Erase Suspend/Erase Resume
    - Suspends a sector erase operation to read data from,
        or program data to, a non-erasing sector, then
        resumes the erase operation
■ Hardware reset pin (RESET )
    - Hardware method to reset the device to reading array
        data
■ Package options
    - 40-pin TSOP (I)




Similar Part No. - A29L008TV-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008ATV-70 AMICC-A29L008ATV-70 Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008ATV-70F AMICC-A29L008ATV-70F Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008ATV-90 AMICC-A29L008ATV-90 Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008ATV-90F AMICC-A29L008ATV-90F Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Similar Description - A29L008TV-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com