Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX5306 Datasheet (PDF) - NEC

NX5306 Datasheet PDF - NEC
Part # NX5306
Download  NX5306 Download

File Size   230.35 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NEC 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE

NX5306 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX5306 Datasheet PDF - NEC

Part # NX5306
Download  NX5306 Click to download

File Size   230.35 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NEC 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE

NX5306 Datasheet (HTML) - NEC

NX5306 Datasheet HTML 1Page - NEC NX5306 Datasheet HTML 2Page - NEC NX5306 Datasheet HTML 3Page - NEC NX5306 Datasheet HTML 4Page - NEC NX5306 Datasheet HTML 5Page - NEC NX5306 Datasheet HTML 6Page - NEC NX5306 Datasheet HTML 7Page - NEC

NX5306 Product details

DESCRIPTION
NEC’s NX5306 series is a 1310 nm Multiple Quantum Well (MQW) structured Fabry-Perot (FP) laser diode with InGaAs monitor PIN-PD. This device is ideal for Synchronous Digital Hierarchy (SDH) systems, long haul STM-1 (L-1.1), short haul STM-4 (S-4.1), and ITU-T recommendations.

FEATURES
• OPTICAL OUTPUT POWER:
   PO = 5.0 mW
• LOW THRESHOLD CURRENT :
   ITH = 10 mA
• HIGH SPEED:
   tr = 0.3 ns MAX
   tf = 0.3 ns MAX
• WIDE OPERATING TEMPERATURE RANGE:
   TC = -40 to +85°C
• InGaAs MONITOR PIN-PD
• CAN PACKAGE:
   ø5.6 mm
• BASED ON TELCORDIA RELIABILITY




Similar Part No. - NX5306

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5306 CEL-NX5306 Datasheet
231Kb / 7P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
logo
Renesas Technology Corp
NX5306 RENESAS-NX5306 Datasheet
272Kb / 13P
   LASER DIODE
2003
logo
California Eastern Labs
NX5306EH CEL-NX5306EH Datasheet
231Kb / 7P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
logo
Renesas Technology Corp
NX5306EH RENESAS-NX5306EH Datasheet
272Kb / 13P
   LASER DIODE
2003
logo
California Eastern Labs
NX5306EK CEL-NX5306EK Datasheet
231Kb / 7P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
More results


Similar Description - NX5306

ManufacturerPart #DatasheetDescription
logo
NEC
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
logo
California Eastern Labs
NX5302 CEL-NX5302 Datasheet
127Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX5313 CEL-NX5313 Datasheet
162Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX5315 CEL-NX5315 Datasheet
349Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX5302SE CEL-NX5302SE Datasheet
128Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX5306 CEL-NX5306 Datasheet
231Kb / 7P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX7304BG-CC CEL-NX7304BG-CC Datasheet
95Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX5501 CEL-NX5501 Datasheet
452Kb / 7P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5504 CEL-NX5504 Datasheet
309Kb / 6P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5311 CEL-NX5311 Datasheet
160Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com