Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5C32X384 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C32X384 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C32X384
Download  PI5C32X384 Download

File Size   327.05 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 20-Bit, 2-Port Bus Switch

PI5C32X384 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C32X384 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C32X384
Download  PI5C32X384 Click to download

File Size   327.05 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 20-Bit, 2-Port Bus Switch

PI5C32X384 Datasheet (HTML) - Pericom Semiconductor Corporation

PI5C32X384 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C32X384 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C32X384 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C32X384 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C32X384 Datasheet HTML 5Page - Pericom Semiconductor Corporation

PI5C32X384 Product details

Description
Pericom Semiconductor’s PI5C32X384 and PI5C32X384C are 20-bit bus switches designed with a low On-Resistance allowing inputs to be connected directly to outputs. The bus switch creates no additional propagational delay or additional ground bounce noise. The switches are turned ON by the Bus Enable (BE) input signal. Four bus enable signals are provided, one for each of the upper and lower five bits of the two 10-bit buses.

Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra-low quiescent power 32X384 (0.2µA typical)
    – Ideally suited for notebook applications
• Packaging (Pb-free & Green Available):
    – 48-pin 150-mil wide plastic BQSOP (B)
    – 48-pin 240-mil wide plastic TSSOP (A)




Similar Part No. - PI5C32X384

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C32X384 PERICOM-PI5C32X384 Datasheet
464Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C32X384A PERICOM-PI5C32X384A Datasheet
464Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C32X384B PERICOM-PI5C32X384B Datasheet
464Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C32X384BE PERICOM-PI5C32X384BE Datasheet
464Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C32X384C PERICOM-PI5C32X384C Datasheet
464Kb / 5P
   20-Bit, 2-Port Bus Switch
More results


Similar Description - PI5C32X384

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A Datasheet
548Kb / 6P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16861 PERICOM-PI5C16861 Datasheet
374Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
   20-Bit, 2-Port Bus Switch
PI5C16861 PERICOM-PI5C16861_10 Datasheet
519Kb / 4P
   20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A_14 Datasheet
1,007Kb / 5P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16862C PERICOM-PI5C16862C Datasheet
129Kb / 4P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
PI5C162862C PERICOM-PI5C162862C Datasheet
324Kb / 3P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
PI3C16210 PERICOM-PI3C16210 Datasheet
304Kb / 4P
   3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
logo
STMicroelectronics
B5S16861 STMICROELECTRONICS-B5S16861 Datasheet
189Kb / 10P
   20-BIT TWO PORT BUS SWITCH
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com