Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA-4463 Datasheet (PDF) - Stanford Microdevices

SGA-4463 Datasheet PDF - Stanford Microdevices
Part # SGA-4463
Download  SGA-4463 Download

File Size   406.08 Kbytes
Page   5 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER

SGA-4463 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGA-4463 Datasheet PDF - Stanford Microdevices

Part # SGA-4463
Download  SGA-4463 Click to download

File Size   406.08 Kbytes
Page   5 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER

SGA-4463 Datasheet (HTML) - Stanford Microdevices

SGA-4463 Datasheet HTML 1Page - Stanford Microdevices SGA-4463 Datasheet HTML 2Page - Stanford Microdevices SGA-4463 Datasheet HTML 3Page - Stanford Microdevices SGA-4463 Datasheet HTML 4Page - Stanford Microdevices SGA-4463 Datasheet HTML 5Page - Stanford Microdevices

SGA-4463 Product details

Product Description
Stanford Microdevices SGA-4463 is a high performance SiGe HBT MMIC Amplifier. A Darlington configuration featuring 1 micron emitters provides high FT and excellent thermal perfomance. The heterojunction increases breakdown voltage and minimizes leakage current between junctions. Cancellation of emitter junction non-linearities results in higher suppression of intermodulation products.

Product Features
• High Gain : 17 dB at 1950 MHz
• Cascadable 50 Ohm
• Patented SiGe Technology
• Operates From Single Supply
• Low Thermal Resistance Package

Applications
• Cellular, PCS, CDPD
• Wireless Data, SONET
• Satellite




Similar Part No. - SGA-4463

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-4463 ETC-SGA-4463 Datasheet
238Kb / 4P
   DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4463 SIRENZA-SGA-4463 Datasheet
252Kb / 5P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4463Z SIRENZA-SGA-4463Z Datasheet
252Kb / 5P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Similar Description - SGA-4463

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-4463 SIRENZA-SGA-4463 Datasheet
252Kb / 5P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4263 SIRENZA-SGA-4263 Datasheet
253Kb / 5P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6489 SIRENZA-SGA-6489 Datasheet
95Kb / 4P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6589 SIRENZA-SGA-6589 Datasheet
90Kb / 4P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
SGA-6489 ETC-SGA-6489 Datasheet
259Kb / 4P
   DC 3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-4263 STANFORD-SGA-4263 Datasheet
407Kb / 5P
   DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SGA-4263 ETC-SGA-4263 Datasheet
259Kb / 4P
   DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-4463 ETC-SGA-4463 Datasheet
238Kb / 4P
   DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-5486 SIRENZA-SGA-5486 Datasheet
89Kb / 4P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Qorvo, Inc
QPA4463A QORVO-QPA4463A Datasheet
865Kb / 7P
   DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com