Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH1617A-2 Datasheet (PDF) - Vishay Siliconix

SFH1617A-2 Datasheet PDF - Vishay Siliconix
Part # SFH1617A-2
Download  SFH1617A-2 Download

File Size   163.88 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated

SFH1617A-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH1617A-2 Datasheet PDF - Vishay Siliconix

Part # SFH1617A-2
Download  SFH1617A-2 Click to download

File Size   163.88 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated

SFH1617A-2 Datasheet (HTML) - Vishay Siliconix

SFH1617A-2 Datasheet HTML 1Page - Vishay Siliconix SFH1617A-2 Datasheet HTML 2Page - Vishay Siliconix SFH1617A-2 Datasheet HTML 3Page - Vishay Siliconix SFH1617A-2 Datasheet HTML 4Page - Vishay Siliconix SFH1617A-2 Datasheet HTML 5Page - Vishay Siliconix SFH1617A-2 Datasheet HTML 6Page - Vishay Siliconix SFH1617A-2 Datasheet HTML 7Page - Vishay Siliconix SFH1617A-2 Datasheet HTML 8Page - Vishay Siliconix

SFH1617A-2 Product details

• Operating temperature from - 55 °C to + 110 °C
• Good CTR linearity depending on forward
current
• Isolation test voltage, 5000 VRMS
• High collector emitter voltage, VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Low CTR degradation
• Temperature stable
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing
• High common mode interference immunity




Similar Part No. - SFH1617A-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1617A-2 VISHAY-SFH1617A-2 Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH1617A-2 VISHAY-SFH1617A-2 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
More results


Similar Description - SFH1617A-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1617A VISHAY-SFH1617A_V02 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2023
SFH1617A VISHAY-SFH1617A_V01 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH617A VISHAY-SFH617A_07 Datasheet
133Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 째C Rated
Rev. 1.7, 25-Jan-07
SFH617A VISHAY-SFH617A_V01 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rateds
01-Jan-2022
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com