Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241A Datasheet (PDF) - Xicor Inc.

X9241A Datasheet PDF - Xicor Inc.
Part # X9241A
Download  X9241A Download

File Size   364.82 Kbytes
Page   18 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Quad Digitally Controlled Potentiometer (XDCP)

X9241A Datasheet (PDF)

Go To PDF Page Download Datasheet
X9241A Datasheet PDF - Xicor Inc.

Part # X9241A
Download  X9241A Click to download

File Size   364.82 Kbytes
Page   18 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Quad Digitally Controlled Potentiometer (XDCP)

X9241A Datasheet (HTML) - Xicor Inc.

Back Button X9241A Datasheet HTML 1Page - Xicor Inc. X9241A Datasheet HTML 2Page - Xicor Inc. X9241A Datasheet HTML 3Page - Xicor Inc. X9241A Datasheet HTML 4Page - Xicor Inc. X9241A Datasheet HTML 5Page - Xicor Inc. X9241A Datasheet HTML 6Page - Xicor Inc. X9241A Datasheet HTML 7Page - Xicor Inc. X9241A Datasheet HTML 8Page - Xicor Inc. X9241A Datasheet HTML 9Page - Xicor Inc. X9241A Datasheet HTML 10Page - Xicor Inc. Next Button 

X9241A Product details

DESCRIPTION

The X9241A integrates four digitally controlled potentiometers (XDCP) on a monolithic CMOS integrated microcircuit.



FEATURES

• Four potentiometers in one package

• 2-wire serial interface

• Register oriented format

—Direct read/write/transfer of wiper positions

—Store as many as four positions per potentiometer

• Terminal Voltages: +5V, -3.0V

• Cascade resistor arrays

• Low power CMOS

• High Reliability

—Endurance–100,000 data changes per bit per register

—Register data retention–100 years

• 16-bytes of nonvolatile memory

• 3 resistor array values

—2KΩto 50KΩmask programmable

—Cascadable for values of 500Ωto 200KΩ

• Resolution: 64 taps each pot

• 20-lead plastic DIP, 20-lead TSSOP and 20-lead SOIC packages




Similar Part No. - X9241A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
More results


Similar Description - X9241A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com