Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1720 Datasheet (PDF) - NTE Electronics

NTE1720 Datasheet PDF - NTE Electronics
Part # NTE1720
Download  NTE1720 Download

File Size   26.68 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Pulse Width Modulator (PWM) Regulator

NTE1720 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1720 Datasheet PDF - NTE Electronics

Part # NTE1720
Download  NTE1720 Click to download

File Size   26.68 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Pulse Width Modulator (PWM) Regulator

NTE1720 Datasheet (HTML) - NTE Electronics

NTE1720 Datasheet HTML 1Page - NTE Electronics NTE1720 Datasheet HTML 2Page - NTE Electronics NTE1720 Datasheet HTML 3Page - NTE Electronics NTE1720 Datasheet HTML 4Page - NTE Electronics

NTE1720 Product details

Description:

The NTE1720 PWM switching regulator control circuit contains all the essential circuitry to implement single–ended or push–pull switching regulators. Included on the circuit are oscillator, voltage refer ence, a pulse width modulator, error amplifier, overload protection circuitry and output drivers.

A substance zener reference has been used to provide excellent stability with time and the reference has been used to provide excellent stability with time and the reference is trimmed at the wafer level to provide an initial accuracy of 2%. Additionally, the oscillator is trimmed to provide a medium toler ance of 6%.



Features:

• Reference Tolerance: ±2%

• Oscillator Tolerance: ±6%

• Long Term Stability: 10mV/1000 Hrs

• Operates Above 100kHz



Applications:

• Switching Power Supplies

• Motor Speed Control

• Off–Line Power Converters



 




Similar Part No. - NTE1720

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1721 NTE-NTE1721 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Regulator
NTE1722 NTE-NTE1722 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1723 NTE-NTE1723 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Regulator
NTE1724 NTE-NTE1724 Datasheet
33Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE1725 NTE-NTE1725 Datasheet
79Kb / 4P
   Integrated Circuit Color TV Picture IF System
More results


Similar Description - NTE1720

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1721 NTE-NTE1721 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Regulator
NTE1729 NTE-NTE1729 Datasheet
30Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1753 NTE-NTE1753 Datasheet
36Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1722 NTE-NTE1722 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A_05 Datasheet
145Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Analog Devices
LTC6992-1 AD-LTC6992-1 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com