Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4748A Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

1N4748A Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # 1N4748A
Download  1N4748A Download

File Size   202.36 Kbytes
Page   4 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1W Silicon Planar Power Zener Diodes

1N4748A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4748A Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # 1N4748A
Download  1N4748A Click to download

File Size   202.36 Kbytes
Page   4 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1W Silicon Planar Power Zener Diodes

1N4748A Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd

1N4748A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4748A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4748A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4748A Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd

1N4748A Product details

Features
● Glass Passivated Die Construction
● 1.0 Watt Power Dissipation
● 3.3 – 100V Nomimal Zener Voltage
● 5% Standard Vz Tolerance
● Low Inductance
● Typical IR Less Than 5.0µA Above 11V
● Plastic Case Material Has UL Flammability
   Classification Rating 94V-O

Mechanical Data
● Case: SMA/DO-214AC, Molded Plastic
● Terminals: Axial Leads, Solderable per
   MIL-STD-202, Method 208
● Polarity: Cathode Band
● Marking: Type Number
● Weight: 0.35 grams (approx.)
● Lead Free: For RoHS / Lead Free Version




Similar Part No. - 1N4748A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4748A PHILIPS-1N4748A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4748A VISHAY-1N4748A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Renesas Technology Corp
1N4748A RENESAS-1N4748A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Anova Technologies CO.,...
1N4748A ANOVA-1N4748A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
List of Unclassifed Man...
1N4748A ETC1-1N4748A Datasheet
56Kb / 2P
   ZENER DIODES
More results


Similar Description - 1N4748A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
1N4727 ZSELEC-1N4727 Datasheet
202Kb / 4P
   1W Silicon Planar Power Zener Diodes
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZV85-C2V7 JINGHENG-BZV85-C2V7 Datasheet
74Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Guangdong Juxing Electr...
SMA4728A JUXING-SMA4728A Datasheet
2Mb / 3P
   1W Silicon Planar Zener Diodes
1SMAF4728A JUXING-1SMAF4728A Datasheet
572Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jing Heng Electro...
SMA4728 JINGHENG-SMA4728 Datasheet
74Kb / 2P
   1W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N4728A DAESAN-1N4728A Datasheet
314Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1N4749 TGS-1N4749 Datasheet
308Kb / 3P
   1W SILICON PLANAR ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com