Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4754A Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

1N4754A Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # 1N4754A
Download  1N4754A Download

File Size   119.61 Kbytes
Page   3 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1 .0 W ZENER DIODE

1N4754A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4754A Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # 1N4754A
Download  1N4754A Click to download

File Size   119.61 Kbytes
Page   3 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1 .0 W ZENER DIODE

1N4754A Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd

1N4754A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4754A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4754A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd

1N4754A Product details

Features
● Glass Passivated Die Construction
● 1.0 Watt Power Dissipation
● 3.3 – 100V Nomimal Zener Voltage
● 5% Standard Vz Tolerance
● Low Inductance
● Typical IR Less Than 5.0µA Above 11V
● Plastic Case Material Has UL Flammability
   Classification Rating 94V-O

Mechanical Data
● Case: SMA/DO-214AC, Molded Plastic
● Terminals: Axial Leads, Solderable per
   MIL-STD-202, Method 208
● Polarity: Cathode Band
● Marking: Type Number
● Weight: 0.35 grams (approx.)
● Lead Free: For RoHS / Lead Free Version




Similar Part No. - 1N4754A

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
1N4754A CHONGQING-1N4754A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
1N4754A VISHAY-1N4754A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4754A FAIRCHILD-1N4754A Datasheet
666Kb / 4P
   Zener Diodes
logo
Taiwan Semiconductor Co...
1N4754A TSC-1N4754A Datasheet
626Kb / 5P
   1.0 Watts Glass Passivated Junction Silicon Zener Diode
logo
Continental Device Indi...
1N4754A CDIL-1N4754A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
More results


Similar Description - 1N4754A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
DL4728A ZSELEC-DL4728A Datasheet
157Kb / 3P
   1 .0 W ZENER DIODE
logo
Formosa MS
ZS300-BL FORMOSA-ZS300-BL Datasheet
66Kb / 2P
   1 W Surface Mount Zener Diode - Zener diodes
logo
SHIKUES Electronics
RD4.7P SKTECHNOLGY-RD4.7P Datasheet
257Kb / 1P
   1 W POWER MINI MOLD ZENER DIODE
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
logo
Rectron Semiconductor
1N4148DF RECTRON-1N4148DF Datasheet
329Kb / 5P
   10 mA0 Volts Switching Diode
logo
Frontier Electronics.
Z10-100 FRONTIER-Z10-100 Datasheet
112Kb / 1P
   1 WATT ZENER DIODE
Z10-100-LFR FRONTIER-Z10-100-LFR Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
ZTL50-X FRONTIER-ZTL50-X Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com