Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D10XB60 Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

D10XB60 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # D10XB60
Download  D10XB60 Download

File Size   59.51 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 10A GLASS PASSIVATED BRIDGE RECTIFIER

D10XB60 Datasheet (PDF)

Go To PDF Page Download Datasheet
D10XB60 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # D10XB60
Download  D10XB60 Click to download

File Size   59.51 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 10A GLASS PASSIVATED BRIDGE RECTIFIER

D10XB60 Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd

D10XB60 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd D10XB60 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd

D10XB60 Product details

Features
● Glass Passivated Die Construction
● High Case Dielectric Strength of 1500VRMS
● Low Reverse Leakage Current
● Surge Overload Rating to 170A Peak
● Ideal for Printed Circuit Board Applications
● Plastic Material - UL Flammability
   Classification 94V-0
● Lead Free Finish/RoHS Complian




Similar Part No. - D10XB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10XB60 SHINDENGEN-D10XB60 Datasheet
309Kb / 6P
   General Purpose Rectifiers(600V 10A)
logo
EIC discrete Semiconduc...
D10XB60H EIC-D10XB60H Datasheet
104Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Shindengen Electric Mfg...
D10XB60H SHINDENGEN-D10XB60H Datasheet
105Kb / 6P
   General Purpose Rectifiers
logo
New Jersey Semi-Conduct...
D10XB60H NJSEMI-D10XB60H Datasheet
150Kb / 2P
   SILICON BRIDGE RECTIFIER
More results


Similar Description - D10XB60

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PB1000G WTE-PB1000G Datasheet
34Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ10A ZSELEC-GBJ10A Datasheet
45Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU10005 DIODES-GBU10005 Datasheet
53Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
GBJ10005 DIODES-GBJ10005_15 Datasheet
81Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ10005 ZSELEC-GBJ10005 Datasheet
45Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ10A ZSELEC-KBJ10A Datasheet
84Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
RS1001M ZSELEC-RS1001M Datasheet
100Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
GBJ10005 YEASHIN-GBJ10005 Datasheet
371Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
GBJ10005 LUGUANG-GBJ10005 Datasheet
172Kb / 2P
   10A Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
TU1000G TAITRON-TU1000G Datasheet
195Kb / 4P
   10A Glass Passivated Bridge Rectifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com