Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS36W Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

DS36W Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # DS36W
Download  DS36W Download

File Size   138.3 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

DS36W Datasheet (PDF)

Go To PDF Page Download Datasheet
DS36W Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # DS36W
Download  DS36W Click to download

File Size   138.3 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

DS36W Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd

DS36W Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd DS36W Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd

DS36W Product details

Features
● Schottky Barrier Chip
● Ideally Suited for Automatic Assembly
● Low Power Loss, High Efficiency
● Surge Overload Rating to 2 0A Peak
● For Use in Low Voltage Application
● Guard Ring Die Construction
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O

Mechanical Data
● Weight: 0.01 grams (approx.)
● Case: SOD-123, Molded Plastic
● Terminals: Solder Plated, Solderable per MIL-STD-750, Method 2026
● Polarity: Cathode Band or Cathode Notch
● Marking: Type Number
● Lead Free: For RoHS / Lead Free Version






Similar Part No. - DS36W

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DS36W YFWDIODE-DS36W Datasheet
84Kb / 3P
   Surface MountSchottky Barrier Rectifier
logo
Xian Semipower Electron...
DS36W SEMIPOWER-DS36W Datasheet
128Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Nantong Hornby Electron...
DS36W HORNBY-DS36W Datasheet
219Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DS36W YFWDIODE-DS36W Datasheet
409Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Rectron Semiconductor
DS36W RECTRON-DS36W Datasheet
311Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - DS36W

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
BX32 ZSELEC-BX32 Datasheet
100Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SX32 WTE-SX32 Datasheet
47Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
   3.0A Surface Mount Schottky Barrier Diode
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
   3.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SS32F ZSELEC-SS32F Datasheet
172Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
30BQ020 ZSELEC-30BQ020 Datasheet
150Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS32 ZSELEC-SS32 Datasheet
149Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BR32BF ZSELEC-BR32BF Datasheet
136Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR32BF ZSELEC-SR32BF Datasheet
136Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BR32 ZSELEC-BR32 Datasheet
113Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com