Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC5006 Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

GBPC5006 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # GBPC5006
Download  GBPC5006 Download

File Size   135.27 Kbytes
Page   2 Pages
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.
Description GLASS PASSIVATED BRIDGE RECTIFIERS

GBPC5006 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBPC5006 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # GBPC5006
Download  GBPC5006 Click to download

File Size   135.27 Kbytes
Page   2 Pages
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.
Description GLASS PASSIVATED BRIDGE RECTIFIERS

GBPC5006 Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.

GBPC5006 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. GBPC5006 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.

GBPC5006 Product details

Reverse Voltage - 50 to 1000 Volts Forward Current - 15/25/35/50Amperes

Features
   Glass Passivated Die Construction
   Diffused Junction
   Low Reverse Leakage Current
   Low Power Loss, High Efficiency
   Surge Overload Rating to 400A Peak
   Electrically Isolated Metal Base for Maximum Heat Dissipation
   Case to Terminal Isolation Voltage 1500V
   Materials used carries U/L recognition




Similar Part No. - GBPC5006

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBPC5006 TSC-GBPC5006 Datasheet
103Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
HY ELECTRONIC CORP.
GBPC5006 HY-GBPC5006 Datasheet
421Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Won-Top Electronics
GBPC5006 WTE-GBPC5006 Datasheet
60Kb / 4P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
GBPC5006 SAMYANG-GBPC5006 Datasheet
1Mb / 3P
   SILICON BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
GBPC5006 MIC-GBPC5006 Datasheet
48Kb / 2P
   GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
More results


Similar Description - GBPC5006

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com