Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T520B336M010ATE025 Datasheet (PDF) - Kemet Corporation

T520B336M010ATE025 Datasheet PDF - Kemet Corporation
Part # T520B336M010ATE025
Download  T520B336M010ATE025 Download

File Size   77.18 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum, Polymer Tantalum, T520, 33 uF, 20%, 10 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.1mm

T520B336M010ATE025 Datasheet (PDF)

Go To PDF Page Download Datasheet
T520B336M010ATE025 Datasheet PDF - Kemet Corporation

Part # T520B336M010ATE025
Download  T520B336M010ATE025 Click to download

File Size   77.18 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum, Polymer Tantalum, T520, 33 uF, 20%, 10 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.1mm

T520B336M010ATE025 Datasheet (HTML) - Kemet Corporation

T520B336M010ATE025 Datasheet HTML 1Page - Kemet Corporation

T520B336M010ATE025 Product details

FEATURES
• Polymer Cathode Technology
• Low ESR
• High Frequency Cap Retention
• No-Ignition Failure Mode
• Use Up to 90% of Rated Voltage (10% Derating) for part types ≤ 10 Volts
• Halogen Free Epoxy
• 100% Accelerated Steady State Aging
• Volumetrically Efficient
• Use Up to 80% of Rated Voltage (20% Derating) for part types > 10 Volts
• Capacitance 15 to 1000μF (±20%)
• Voltage 2V to 25V
• EIA Standard Case Sizes
• 100% Surge Current Tested
• Operating Temperature -55ºC to +105ºC
• Self Healing Mechanism
• RoHS Compiant & Leadfree Terminations (see www.kemet.com for lead transition)




Similar Part No. - T520B336M010ATE025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520B336M010ATE035 KEMET-T520B336M010ATE035 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 33 uF, 20%, 10 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms,Height Max = 2.1mm
T520B336M010ATE040 KEMET-T520B336M010ATE040 Datasheet
78Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Low ESR, Non-Combustible, 33 uF, 3528, /-20% Tol, 10 VDC (105C)
T520B336M010ATE070 KEMET-T520B336M010ATE070 Datasheet
78Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Low ESR, Non-Combustible, 33 uF, 3528, /-20% Tol, 10 VDC (105C)
More results


Similar Description - T520B336M010ATE025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520B336M010ATE035 KEMET-T520B336M010ATE035 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 33 uF, 20%, 10 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms,Height Max = 2.1mm
T520B336M006ATE035 KEMET-T520B336M006ATE035 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 33 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, Height Max = 2.1mm
T520B336M006ATE040 KEMET-T520B336M006ATE040 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 33 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, 2.1mm
T520B157M006ATE025 KEMET-T520B157M006ATE025 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 150 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.1mm
T520B107M004ATE025 KEMET-T520B107M004ATE025 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 100 uF, 20%, 4 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.1mm
T520B227M006ATE025 KEMET-T520B227M006ATE025 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.1mm
T520B157M003ATE025 KEMET-T520B157M003ATE025 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 150 uF, 20%, 3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 3528, Height Max = 2.1mm
T520B107M2R5ATE025 KEMET-T520B107M2R5ATE025 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T520, 100 uF, 20%, 2.5 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.1mm
T520B476M006ATE025 KEMET-T520B476M006ATE025_17 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 47 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.1mm
T520B107M010ATE070 KEMET-T520B107M010ATE070 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T520, 100 uF, 20%, 10 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, Height Max = 2.1mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com