Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N983B Datasheet (PDF) - Leshan Radio Company

1N983B Datasheet PDF - Leshan Radio Company
Part # 1N983B
Download  1N983B Download

File Size   33.46 Kbytes
Page   1 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 1N9 SERIES ZENER DIODES

1N983B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N983B Datasheet PDF - Leshan Radio Company

Part # 1N983B
Download  1N983B Click to download

File Size   33.46 Kbytes
Page   1 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 1N9 SERIES ZENER DIODES

1N983B Datasheet (HTML) - Leshan Radio Company

1N983B Datasheet HTML 1Page - Leshan Radio Company

1N983B Product details

1N9 SERIES ZENER DIODES




Similar Part No. - 1N983B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N983B JGD-1N983B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Yea Shin Technology Co....
1N983B YEASHIN-1N983B Datasheet
1Mb / 9P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Compensated Deuices Inc...
1N983B CDI-DIODE-1N983B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
Digitron Semiconductors
1N983B DIGITRON-1N983B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Microsemi Corporation
1N983B MICROSEMI-1N983B Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
More results


Similar Description - 1N983B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Panasonic Semiconductor
DZ2W03900L PANASONIC-DZ2W03900L Datasheet
609Kb / 2P
   NEW Zener Diodes Series 1W/2W Zener Diodes Series
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
RFE international
BZX55C2V0 RFE-BZX55C2V0 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
logo
Leshan Radio Company
MTZJ LRC-MTZJ Datasheet
34Kb / 2P
   MTZJ SERIES ZENER DIODES
logo
RFE international
1N5913B RFE-1N5913B Datasheet
808Kb / 5P
   Zener Diodes 1N59 Series
AUG-04-2023
1N533B RFE-1N533B Datasheet
2Mb / 5P
   Zener Diodes 1N53 Series
06-06-2022
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com