Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1070ART Datasheet (PDF) - Analog Devices

ADM1070ART Datasheet PDF - Analog Devices
Part # ADM1070ART
Download  ADM1070ART Download

File Size   367.53 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -48 V Hot Swap Controller

ADM1070ART Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1070ART Datasheet PDF - Analog Devices

Part # ADM1070ART
Download  ADM1070ART Click to download

File Size   367.53 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -48 V Hot Swap Controller

ADM1070ART Datasheet (HTML) - Analog Devices

Back Button ADM1070ART Datasheet HTML 1Page - Analog Devices ADM1070ART Datasheet HTML 2Page - Analog Devices ADM1070ART Datasheet HTML 3Page - Analog Devices ADM1070ART Datasheet HTML 4Page - Analog Devices ADM1070ART Datasheet HTML 5Page - Analog Devices ADM1070ART Datasheet HTML 6Page - Analog Devices ADM1070ART Datasheet HTML 7Page - Analog Devices ADM1070ART Datasheet HTML 8Page - Analog Devices ADM1070ART Datasheet HTML 9Page - Analog Devices ADM1070ART Datasheet HTML 10Page - Analog Devices Next Button 

ADM1070ART Product details

GENERAL DESCRIPTION
The ADM1070 is a negative voltage hot swap controller that allows a board to be safely inserted and removed from a live –48 V backplane. The part achieves this by providing robust current limiting, protection against transient and nontransient short circuits and overvoltage and undervoltage conditions. The ADM1070 typically operates from a negative voltage of up to –80 V and can tolerate transient voltages of up to –200 V.

FEATURES
   Allows Safe Board Insertion and Removal from a Live
      –48 V Backplane
   Typically Operates from –36 V to –80 V
   Tolerates Transients up to –200 V (Limited by External
      Components)
   Accurate Programmable Linear Current Limit for
      In-Rush Control and Short Circuit Protection
   Programmable Timeout in Current Limit
   Limited Consecutive Retry:
      Auto-Restart after Current Limit Timeout
      Shutdown after Seven Consecutive Auto Restarts
      Provides Immunity from Step Induced Current Spikes
   Default Timing Provided with no TIMER Capacitor
   Single Pin Undervoltage/Overvoltage Detection
   Programmable Operating Voltage Window
   Programmable Undervoltage/Overvoltage Time Filter
   Small 6-Lead SOT-23 Package

APPLICATIONS
   Central Office Switching
   –48 V Distributed Power Systems
   Negative Power Supply Control
   Hot Board Insertion
   Electronic Circuit Breaker
   High Availability Servers
   Programmable Current Limiting Circuit
   –48 V Power Supply Modules




Similar Part No. - ADM1070ART

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1070EB AD-ADM1070EB Datasheet
239Kb / 12P
   ADM1070 Hot Swap Controller Evaluation Kit Documentation
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
More results


Similar Description - ADM1070ART

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
logo
Analog Devices
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
   Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com