Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL523K Datasheet (PDF) - List of Unclassifed Manufacturers

HAL523K Datasheet PDF - List of Unclassifed Manufacturers
Part # HAL523K
Download  HAL523K Download

File Size   315.97 Kbytes
Page   44 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Hall Effect Sensor Family

HAL523K Datasheet (PDF)

Go To PDF Page Download Datasheet
HAL523K Datasheet PDF - List of Unclassifed Manufacturers

Part # HAL523K
Download  HAL523K Click to download

File Size   315.97 Kbytes
Page   44 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Hall Effect Sensor Family

HAL523K Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button HAL523K Datasheet HTML 1Page - List of Unclassifed Manufacturers HAL523K Datasheet HTML 2Page - List of Unclassifed Manufacturers HAL523K Datasheet HTML 3Page - List of Unclassifed Manufacturers HAL523K Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL523K Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL523K Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL523K Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL523K Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL523K Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL523K Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

HAL523K Product details

[Micronas]

Introduction
The HAL5xx family consists of different Hall switches produced in CMOS technology. All sensors include a temperature-compensated Hall plate with active offset compensation, a comparator, and an open-drain output transistor. The comparator compares the actual magnetic flux through the Hall plate (Hall voltage) with the fixed reference values (switching points). Accordingly, the output transistor is switched on or off.

Features:
– switching offset compensation at typically 62 kHz
– operates from 3.8 V to 24 V supply voltage
– overvoltage protection at all pins
– reverse-voltage protection at VDD-pin
– magnetic characteristics are robust against mechanical stress effects
– short-circuit protected open-drain output by thermal shut down
– operates with static magnetic fields and dynamic magnetic fields up to 10 kHz
– constant switching points over a wide supply voltage range
– the decrease of magnetic flux density caused by rising temperature in the sensor system is compensated by a built-in negative temperature coefficient of the magnetic characteristics
– ideal sensor for applications in extreme automotive and industrial environments
– EMC corresponding to DIN 40839




Similar Part No. - HAL523K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL523 MICRONAS-HAL523 Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL523 MICRONAS-HAL523 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL523SF-A MICRONAS-HAL523SF-A Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL523SF-K MICRONAS-HAL523SF-K Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL523UA-A MICRONAS-HAL523UA-A Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
More results


Similar Description - HAL523K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com