Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGP20B Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

EGP20B Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # EGP20B
Download  EGP20B Download

File Size   2000.91 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description High Efficiency Rectifiers

EGP20B Datasheet (PDF)

Go To PDF Page Download Datasheet
EGP20B Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # EGP20B
Download  EGP20B Click to download

File Size   2000.91 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description High Efficiency Rectifiers

EGP20B Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

EGP20B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd EGP20B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

EGP20B Product details

VOLTAGE RANGE: 50 --- 800 V CURRENT: 2.0 A

Features
◇ Low cost
◇ Diffused junction
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Alcohol,Isopropanol
   and similar solvents
◇ The plastic material carries U/L recognition 94V-0




Similar Part No. - EGP20B

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP20B ZOWIE-EGP20B Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Rugao Dachang Electroni...
EGP20B DACHANG-EGP20B Datasheet
122Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 400V Forward Current 2.0A
logo
Vishay Siliconix
EGP20B VISHAY-EGP20B Datasheet
78Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
01-Jan-2022
logo
Fairchild Semiconductor
EGP20B FAIRCHILD-EGP20B Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP20B FAIRCHILD-EGP20B Datasheet
271Kb / 6P
   2.0 A Glass-Passivated High-Efficiency Rectifiers
More results


Similar Description - EGP20B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com