Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEPR10D-1564AZ-220D Datasheet (PDF) - AIMTEC

AMEPR10D-1564AZ-220D Datasheet PDF - AIMTEC
Part # AMEPR10D-1564AZ-220D
Download  AMEPR10D-1564AZ-220D Download

File Size   357.69 Kbytes
Page   4 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description up to 0.7A | AC-DC LED driver

AMEPR10D-1564AZ-220D Datasheet (PDF)

Go To PDF Page Download Datasheet
AMEPR10D-1564AZ-220D Datasheet PDF - AIMTEC

Part # AMEPR10D-1564AZ-220D
Download  AMEPR10D-1564AZ-220D Click to download

File Size   357.69 Kbytes
Page   4 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description up to 0.7A | AC-DC LED driver

AMEPR10D-1564AZ-220D Datasheet (HTML) - AIMTEC

AMEPR10D-1564AZ-220D Datasheet HTML 1Page - AIMTEC AMEPR10D-1564AZ-220D Datasheet HTML 2Page - AIMTEC AMEPR10D-1564AZ-220D Datasheet HTML 3Page - AIMTEC AMEPR10D-1564AZ-220D Datasheet HTML 4Page - AIMTEC



Similar Part No. - AMEPR10D-1564AZ-220D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR10D-1564AZ AIMTEC-AMEPR10D-1564AZ Datasheet
427Kb / 4P
   up to 0.7A | AC-DC / DC-DC LED driver
AMEPR10D-1564AZ AIMTEC-AMEPR10D-1564AZ Datasheet
357Kb / 4P
   up to 0.7A | AC-DC LED driver
More results


Similar Description - AMEPR10D-1564AZ-220D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ_16 Datasheet
357Kb / 4P
   up to 0.7A | AC-DC LED driver
AMEPR8D-AZ AIMTEC-AMEPR8D-AZ_16 Datasheet
254Kb / 4P
   up to 0.7A | AC-DC LED Driver
AMEPR8D-2435AZ AIMTEC-AMEPR8D-2435AZ Datasheet
507Kb / 4P
   up to 0.7A | AC-DC LED Driver
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ Datasheet
427Kb / 4P
   up to 0.7A | AC-DC / DC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com