Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1472-2 Datasheet (PDF) - API Technologies Corp

1472-2 Datasheet PDF - API Technologies Corp
Part # 1472-2
Download  1472-2 Download

File Size   513.68 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 10 Kilowatts peak

1472-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
1472-2 Datasheet PDF - API Technologies Corp

Part # 1472-2
Download  1472-2 Click to download

File Size   513.68 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 10 Kilowatts peak

1472-2 Datasheet (HTML) - API Technologies Corp

1472-2 Datasheet HTML 1Page - API Technologies Corp



Similar Part No. - 1472-2

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
147222 ADELS-147222 Datasheet
114Kb / 2P
   AC 164 BU/ 2 OV pastel blue
12/11/2019
147225 ADELS-147225 Datasheet
114Kb / 2P
   AC 164 BU/ 5 OV pastel blue
12/11/2019
logo
Festo Corporation.
1472501 FESTO-1472501 Datasheet
80Kb / 2P
   Electric actuator
5/16/22
1472503 FESTO-1472503 Datasheet
80Kb / 2P
   Electric actuator
5/16/22
1472505 FESTO-1472505 Datasheet
80Kb / 2P
   Electric actuator
5/16/22
More results


Similar Description - 1472-2

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
   High Output Current - 10 Amps Peak
MSK541 MSK-MSK541_15 Datasheet
246Kb / 8P
   High Output Current - 10 Amps Peak
logo
STMicroelectronics
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
   PEAK PULSE POWER : 400 W (10/1000ms)
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
Shanghai Leiditech Elec...
FZT955 LEIDITECH-FZT955 Datasheet
1Mb / 3P
   4 Amps continuous current (10 Amps peak current)
logo
OSRAM GmbH
SPLPL85 OSRAM-SPLPL85 Datasheet
216Kb / 6P
   Pulsed Laser Diode in Plastic Package 10 W Peak Power
logo
Efficient Power Convers...
EPC21601 EPC-CO-EPC21601 Datasheet
1Mb / 9P
   40 Volt, 10 Amp Peak, High-Frequency, Integrated Laser Driver
logo
Bruckewell Technology L...
3.0SMCJ_5.0_220A BWTECH-3.0SMCJ_5.0_220A Datasheet
595Kb / 7P
   3000W peak pulse power capability with a 10/1000us waveform
logo
Efficient Power Convers...
EPC21603 EPC-CO-EPC21603 Datasheet
824Kb / 9P
   40 Volt, 10 Amp Peak, High-Frequency, Integrated Laser Driver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com