Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ2002 Datasheet (PDF) - Suntan Capacitors

GBJ2002 Datasheet PDF - Suntan Capacitors
Part # GBJ2002
Download  GBJ2002 Download

File Size   238.05 Kbytes
Page   2 Pages
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors
Description SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS

GBJ2002 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ2002 Datasheet PDF - Suntan Capacitors

Part # GBJ2002
Download  GBJ2002 Click to download

File Size   238.05 Kbytes
Page   2 Pages
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors
Description SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS

GBJ2002 Datasheet (HTML) - Suntan Capacitors

GBJ2002 Datasheet HTML 1Page - Suntan Capacitors GBJ2002 Datasheet HTML 2Page - Suntan Capacitors

GBJ2002 Product details

REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 20 Ampere

FEATURES
◆ Rating to 1000V PRV.
◆ Ideal for printed circuit board.
◆ Low forward voltage drop, high current capability.
◆ Reliable low cost construction utilizing molded plastic
   technique results in inexpensive product.
◆ The plastic material has UL flammability
   classification 94V-0.
◆ Electrically isolated base-1500 Volts




Similar Part No. - GBJ2002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ2002 DIODES-GBJ2002 Datasheet
53Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
logo
Goodwork Semiconductor ...
GBJ2002 GWSEMI-GBJ2002 Datasheet
67Kb / 2P
   SINGLE PHASE 20.0 AMP BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
GBJ2002 HY-GBJ2002 Datasheet
422Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
GBJ2002 MCC-GBJ2002 Datasheet
88Kb / 2P
   20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Chongqing Pingwei Enter...
GBJ2002 CHONGQING-GBJ2002 Datasheet
212Kb / 2P
   SINGLE PHASE20.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Similar Description - GBJ2002

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
GBPC35005 SUNTAN-GBPC35005 Datasheet
256Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBPC50005W SUNTAN-GBPC50005W Datasheet
260Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBU15005 SUNTAN-GBU15005 Datasheet
206Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
S50VB005 SUNTAN-S50VB005 Datasheet
243Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ801 SUNTAN-GBJ801 Datasheet
258Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ10005 SUNTAN-GBJ10005 Datasheet
261Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ15005 SUNTAN-GBJ15005 Datasheet
259Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ35005 SUNTAN-GBJ35005 Datasheet
239Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBPC15005W SUNTAN-GBPC15005W Datasheet
260Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBU6005 SUNTAN-GBU6005 Datasheet
216Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com