Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74ACT153F Datasheet (PDF) - Toshiba Semiconductor

TC74ACT153F Datasheet PDF - Toshiba Semiconductor
Part # TC74ACT153F
Download  TC74ACT153F Download

File Size   268.93 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL 4 CHANNEL MULTIPLEXER

TC74ACT153F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74ACT153F Datasheet PDF - Toshiba Semiconductor

Part # TC74ACT153F
Download  TC74ACT153F Click to download

File Size   268.93 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL 4 CHANNEL MULTIPLEXER

TC74ACT153F Datasheet (HTML) - Toshiba Semiconductor

TC74ACT153F Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT153F Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT153F Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT153F Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT153F Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT153F Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT153F Datasheet HTML 7Page - Toshiba Semiconductor

TC74ACT153F Product details

The TC74ACT153 is an advanced high speed CMOS DUAL 4-CHANNEL MULTIPLEXERs fabricated with silicon gate and double-layer metal wiring C2MOS technology. They achieve the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipations.

This device may be used as a level converter for interfacing TTL or NMOS to High Speed CMOS. The inputs are compatible with TTL, NMOS and CMOS output voltage levels. Each of these data (1C0-1C3, 2C0-2C3) is selected by the two address inputs A and B. Separate strobe inputs ( G1 , G2 ) are provided for each of the

two four-line sections. The strobe input can be used to inhibit the data output; the output is fixed in low level unconditionally. All inputs are equipped with protection circuits against static discharge or transient excess voltage.



Features

• High speed: tpd = 5.4 ns (typ.) at VCC = 5 V

• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C

• Compatible with TTL outputs: VIL = 0.8 V (max)

                                     VIH = 2.0 V (min)

• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)

        Capability of driving 50 Ω

          transmission lines.

• Balanced propagation delays: tpLH ∼ − tpHL

• Pin and function compatible with 74F153




Similar Part No. - TC74ACT153F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT153F TOSHIBA-TC74ACT153F Datasheet
330Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74ACT153FN TOSHIBA-TC74ACT153FN Datasheet
330Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74ACT153F TOSHIBA-TC74ACT153F_07 Datasheet
330Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74ACT153F TOSHIBA-TC74ACT153F_12 Datasheet
269Kb / 8P
   Dual 4-Channel Multiplexer
More results


Similar Description - TC74ACT153F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC153F TOSHIBA-TC74VHC153F_V01 Datasheet
302Kb / 6P
   DUAL 4-CHANNEL MULTIPLEXER
1997-03-30
TC74VHC153F TOSHIBA-TC74VHC153F Datasheet
229Kb / 6P
   DUAL 4-CHANNEL MULTIPLEXER
TC74AC153P TOSHIBA-TC74AC153P Datasheet
261Kb / 7P
   DUAL 4-CHANNEL MULTIPLEXER
logo
New Japan Radio
NJU4052B NJRC-NJU4052B Datasheet
197Kb / 5P
   DUAL 4-CHANNEL MULTIPLEXER?
logo
Toshiba Semiconductor
TC74ACT153F TOSHIBA-TC74ACT153F_12 Datasheet
269Kb / 8P
   Dual 4-Channel Multiplexer
TC74VHC153F TOSHIBA-TC74VHC153F_12 Datasheet
218Kb / 10P
   Dual 4-Channel Multiplexer
TC7MH153FK TOSHIBA-TC7MH153FK_07 Datasheet
188Kb / 7P
   Dual 4-Channel Multiplexer
logo
STMicroelectronics
M74HC153 STMICROELECTRONICS-M74HC153_01 Datasheet
526Kb / 10P
   DUAL 4 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC7MH153FK TOSHIBA-TC7MH153FK Datasheet
194Kb / 5P
   DUAL 4-CHANNEL MULTIPLEXER
TC74VHC153F TOSHIBA-TC74VHC153F_07 Datasheet
258Kb / 11P
   Dual 4-Channel Multiplexer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com