Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH5E106K021A10R0 Datasheet (PDF) - Vishay Siliconix

TH5E106K021A10R0 Datasheet PDF - Vishay Siliconix
Part # TH5E106K021A10R0
Download  TH5E106K021A10R0 Download

File Size   1133.02 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C

TH5E106K021A10R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH5E106K021A10R0 Datasheet PDF - Vishay Siliconix

Part # TH5E106K021A10R0
Download  TH5E106K021A10R0 Click to download

File Size   1133.02 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C

TH5E106K021A10R0 Datasheet (HTML) - Vishay Siliconix

Back Button TH5E106K021A10R0 Datasheet HTML 1Page - Vishay Siliconix TH5E106K021A10R0 Datasheet HTML 2Page - Vishay Siliconix TH5E106K021A10R0 Datasheet HTML 3Page - Vishay Siliconix TH5E106K021A10R0 Datasheet HTML 4Page - Vishay Siliconix TH5E106K021A10R0 Datasheet HTML 5Page - Vishay Siliconix TH5E106K021A10R0 Datasheet HTML 6Page - Vishay Siliconix TH5E106K021A10R0 Datasheet HTML 7Page - Vishay Siliconix TH5E106K021A10R0 Datasheet HTML 8Page - Vishay Siliconix TH5E106K021A10R0 Datasheet HTML 9Page - Vishay Siliconix TH5E106K021A10R0 Datasheet HTML 10Page - Vishay Siliconix Next Button 

TH5E106K021A10R0 Product details

• Operating temperature up to +200 °C
• Category voltage at +200 °C: same as rated
voltage (RV) at 25 °C to 85 °C
• 500 h continuous operation at RV
• Gold plated terminations
• 100 % surge current tested
• Standard EIA 535BAAC case sizes
• Moisture sensitivity level 1




Similar Part No. - TH5E106K021A10R0

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TH5E-020.0M CONNOR-WINFIELD-TH5E-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
More results


Similar Description - TH5E106K021A10R0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH4 VISHAY-TH4 Datasheet
575Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 06-Dec-16
TH4 VISHAY-TH4_17 Datasheet
568Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 26-Jun-17
TH3 VISHAY-TH3_17 Datasheet
576Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
Revision: 20-Jun-17
TH3B226K016C1900 VISHAY-TH3B226K016C1900 Datasheet
573Kb / 8P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Molded Case, High Temperature 150 C
Revision: 27-Jun-13
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Revision: 22-Jun-17
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com