Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCTXE1V685TRF Datasheet (PDF) - Vishay Siliconix

TMCTXE1V685TRF Datasheet PDF - Vishay Siliconix
Part # TMCTXE1V685TRF
Download  TMCTXE1V685TRF Download

File Size   247.85 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse

TMCTXE1V685TRF Datasheet (PDF)

Go To PDF Page Download Datasheet
TMCTXE1V685TRF Datasheet PDF - Vishay Siliconix

Part # TMCTXE1V685TRF
Download  TMCTXE1V685TRF Click to download

File Size   247.85 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse

TMCTXE1V685TRF Datasheet (HTML) - Vishay Siliconix

Back Button TMCTXE1V685TRF Datasheet HTML 1Page - Vishay Siliconix TMCTXE1V685TRF Datasheet HTML 2Page - Vishay Siliconix TMCTXE1V685TRF Datasheet HTML 3Page - Vishay Siliconix TMCTXE1V685TRF Datasheet HTML 4Page - Vishay Siliconix TMCTXE1V685TRF Datasheet HTML 5Page - Vishay Siliconix TMCTXE1V685TRF Datasheet HTML 6Page - Vishay Siliconix TMCTXE1V685TRF Datasheet HTML 7Page - Vishay Siliconix TMCTXE1V685TRF Datasheet HTML 8Page - Vishay Siliconix TMCTXE1V685TRF Datasheet HTML 9Page - Vishay Siliconix TMCTXE1V685TRF Datasheet HTML 10Page - Vishay Siliconix Next Button 

TMCTXE1V685TRF Product details

• Suitable for automatic mounting
• Prevention of fire or smoke with the work of
internal fuse
• Fusing characteristics:
B, C cases: open in less than 100 s at 1.5 A
or in less than 5 s at 5 A
E, F cases: open in less than 5 s at 5 A
• Terminations: 100 % matte tin
• MSL level: 1




Similar Part No. - TMCTXE1V685TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCTXE1A336 HOLYSTONECAPS-TMCTXE1A336 Datasheet
62Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCTXE1A476 HOLYSTONECAPS-TMCTXE1A476 Datasheet
62Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCTXE1A686 HOLYSTONECAPS-TMCTXE1A686 Datasheet
62Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results


Similar Description - TMCTXE1V685TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TF3 VISHAY-TF3 Datasheet
631Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
Revision: 13-Sep-16
893D VISHAY-893D Datasheet
136Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
Revision: 08-Feb-08
T86 VISHAY-T86 Datasheet
104Kb / 6P
   Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Revision: 31-Jan-11
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com