Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40IMX4-15-8 Datasheet (PDF) - Bel Fuse Inc.

40IMX4-15-8 Datasheet PDF - Bel Fuse Inc.
Part # 40IMX4-15-8
Download  40IMX4-15-8 Download

File Size   1212.73 Kbytes
Page   12 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 4 Watt DC-DC Converters

40IMX4-15-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
40IMX4-15-8 Datasheet PDF - Bel Fuse Inc.

Part # 40IMX4-15-8
Download  40IMX4-15-8 Click to download

File Size   1212.73 Kbytes
Page   12 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 4 Watt DC-DC Converters

40IMX4-15-8 Datasheet (HTML) - Bel Fuse Inc.

Back Button 40IMX4-15-8 Datasheet HTML 1Page - Bel Fuse Inc. 40IMX4-15-8 Datasheet HTML 2Page - Bel Fuse Inc. 40IMX4-15-8 Datasheet HTML 3Page - Bel Fuse Inc. 40IMX4-15-8 Datasheet HTML 4Page - Bel Fuse Inc. 40IMX4-15-8 Datasheet HTML 5Page - Bel Fuse Inc. 40IMX4-15-8 Datasheet HTML 6Page - Bel Fuse Inc. 40IMX4-15-8 Datasheet HTML 7Page - Bel Fuse Inc. 40IMX4-15-8 Datasheet HTML 8Page - Bel Fuse Inc. 40IMX4-15-8 Datasheet HTML 9Page - Bel Fuse Inc. 40IMX4-15-8 Datasheet HTML 10Page - Bel Fuse Inc. Next Button 

40IMX4-15-8 Product details

Description
The IMX4 Series of board-mountable 4-watt DC-DC converters has been designed according to the latest industry requirements and standards. The converters are particularly suitable for use in mobile or stationary applications in transport, industry, or telecom, where variable input voltages or high transient voltages are prevalent.

Features
• RoHS lead-free-solder and lead-solder-exempted products are available.
• Input voltage ranges up to 121 VDC
• Voltage withstand test 1500 VAC
• 1 or 2 isolated outputs up to 48 V
• Extremely wide input voltage ranges
• Immunity according to IEC/EN 61000-4-2, -3, -4, -5, -6
• High efficiency (typ. 83%)
• Flexible load distribution on outputs
• Outputs no-load, overload, and short-circuit proof
• High reliability
• Operating ambient temperature –40 to +85 °C
• Thermal protection
• Industrial and alternative pinout
• DIL 24 case with 8.5 mm profile




Similar Part No. - 40IMX4-15-8

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
40IMX4-15-8 BEL-40IMX4-15-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
More results


Similar Description - 40IMX4-15-8

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW AIMTEC-AM4TW Datasheet
249Kb / 2P
   4 watt dc-dc converters
AM4T AIMTEC-AM4T Datasheet
277Kb / 3P
   4 watt dc-dc converters
logo
Power-One
IMX4 POWER-ONE-IMX4 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
logo
TRACO Electronic AG
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
   DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com