Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N2973B Datasheet (PDF) - Microsemi Corporation

1N2973B Datasheet PDF - Microsemi Corporation
Part # 1N2973B
Download  1N2973B Download

File Size   215.72 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 10 WATT ZENER DIODES

1N2973B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N2973B Datasheet PDF - Microsemi Corporation

Part # 1N2973B
Download  1N2973B Click to download

File Size   215.72 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 10 WATT ZENER DIODES

1N2973B Datasheet (HTML) - Microsemi Corporation

1N2973B Datasheet HTML 1Page - Microsemi Corporation 1N2973B Datasheet HTML 2Page - Microsemi Corporation 1N2973B Datasheet HTML 3Page - Microsemi Corporation 1N2973B Datasheet HTML 4Page - Microsemi Corporation

1N2973B Product details

DESCRIPTION
These highpower10 W Zener diodes represented by the JEDEC registered 1N2970 thru 1N3015B and 1N3993 thru 1N4000A series provide voltage regulation in a selection over a 3.9 V to 200 V broad range of voltages. They may beoperated up to 10 W with adequate mounting and heat sinking  with their low thermal resistance. These Zeners are also available in JAN, JANTX, JANTXV military qualifications. Microsemi also offers numerous other Zener products to meet higher and lower power applications.

FEATURES
• JEDEC registered 1N2970 thru 1N3015B and 1N3993 thru 1N4000A
• Internal solder bond construction
• Hermetically sealed (welded)
• Zener Voltage 3.9V to 200V.
• Also available in JAN, JANTX, and JANTXV qualifications per MIL-PRF-19500/124 by adding the JAN, JANTX, or JANTXV prefixes to part numbers for desired level of screening; (e.g. JANTX1N2970B, JANTXV1N3996A, etc.
• Standard polarity is anode to case (stud) for 1N2970 thru 1N3015B and cathode to case for 1N3993 thru 1N4000A
• Reverse polarity is cathode to case for 1N2970 thru 1N3015B and anode to case for 1N3993 thru 1N4000A by designating R suffix, e.g. 1N2970RB, 1N3993RA, etc.
• Consult factory for surface mount equivalents

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range
• Standard voltage tolerances are +/- 5% with B suffix, +/-10% with an A suffix, and +/-20% with no suffix
• Consult factory for +/-2% or +/-1% voltage tolerance with a C or D suffix respectively
• Reverse polarity available
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - 1N2973B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N2973B MICROSEMI-1N2973B Datasheet
103Kb / 2P
   Silicon 10 WATT Zener Diodes
1N2973B MICROSEMI-1N2973B Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N2973B NAINA-1N2973B Datasheet
107Kb / 1P
   Zener Diodes
1N2973B NAINA-1N2973B Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
logo
Digitron Semiconductors
1N2973B DIGITRON-1N2973B Datasheet
184Kb / 3P
   10 WATT ZENER DIODES
More results


Similar Description - 1N2973B

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N2970 DIGITRON-1N2970 Datasheet
184Kb / 3P
   10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N2970B NAINA-1N2970B Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
   Silicon 10 WATT Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Microsemi Corporation
1N2970 MICROSEMI-1N2970 Datasheet
103Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com