Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7923 Datasheet (PDF) - Analog Devices

AD7923 Datasheet PDF - Analog Devices
Part # AD7923
Download  AD7923 Download

File Size   430.05 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP

AD7923 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7923 Datasheet PDF - Analog Devices

Part # AD7923
Download  AD7923 Click to download

File Size   430.05 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP

AD7923 Datasheet (HTML) - Analog Devices

Back Button AD7923 Datasheet HTML 1Page - Analog Devices AD7923 Datasheet HTML 2Page - Analog Devices AD7923 Datasheet HTML 3Page - Analog Devices AD7923 Datasheet HTML 4Page - Analog Devices AD7923 Datasheet HTML 5Page - Analog Devices AD7923 Datasheet HTML 6Page - Analog Devices AD7923 Datasheet HTML 7Page - Analog Devices AD7923 Datasheet HTML 8Page - Analog Devices AD7923 Datasheet HTML 9Page - Analog Devices AD7923 Datasheet HTML 10Page - Analog Devices Next Button 

AD7923 Product details

GENERAL DESCRIPTION
The AD7923 is a 12-bit, high speed, low power, 4-channel, successive approximation (SAR) ADC. It operates from a single 2.7 V to 5.25 V power supply and features throughput rates up to 200 kSPS. It contains a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 8 MHz.

FEATURES
   Fast throughput rate: 200 kSPS
   Specified for AVDD of 2.7 V to 5.25 V
   Low power
      3.6 mW max at 200 kSPS with 3 V supply
      7.5 mW max at 200 kSPS with 5 V supply
   4 (single-ended) inputs with sequencer
   Wide input bandwidth
      70 dB Min SNR at 50 kHz input frequency
   Flexible power/serial clock speed management
   No pipeline delays
   High speed serial interface SPI®-/QSPITM-/
      MICROWIRETM-/DSP-compatible
   Shutdown mode: 0.5 μA max
   16-lead TSSOP package
   Qualified for automotive applications




Similar Part No. - AD7923

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7923 AD-AD7923 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7923BRU AD-AD7923BRU Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923BRU AD-AD7923BRU Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7923BRUZ AD-AD7923BRUZ Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923BRUZ AD-AD7923BRUZ Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
More results


Similar Description - AD7923

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com