Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD46XX1G Datasheet (PDF) - Rohm

BD46XX1G Datasheet PDF - Rohm
Part # BD46XX1G
Download  BD46XX1G Download

File Size   469.07 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description VOLTAGE DETECTOR IC

BD46XX1G Datasheet (PDF)

Go To PDF Page Download Datasheet
BD46XX1G Datasheet PDF - Rohm

Part # BD46XX1G
Download  BD46XX1G Click to download

File Size   469.07 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description VOLTAGE DETECTOR IC

BD46XX1G Datasheet (HTML) - Rohm

BD46XX1G Datasheet HTML 1Page - Rohm BD46XX1G Datasheet HTML 2Page - Rohm BD46XX1G Datasheet HTML 3Page - Rohm BD46XX1G Datasheet HTML 4Page - Rohm

BD46XX1G Product details

VOLTAGE DETECTOR IC with counter timer

BD45XXXG and BD46XXXG are series of high-accuracy detection voltage and low current consumption VOLTAGE DETECTOR ICs adopting CMOS process.  New lineup of 156 types with delay time circuit have developed.  Delay time is fixed in the IC due to the built-in counter timer to require no external capacitor.  Total 156 types of VOLTAGE DETECTOR ICs including BD45XXXG series (Nch open drain output) and BD46XXXG series (CMOS output), each of which has 26 kinds in every 0.1V step (2.3~4.8V) and three kinds of delay time (50msec, 100msec, 200msec) have developed.

Features
1)  Built-in delay time circuit(Fixed delay time by the built-in ±10% of high-accuracy counter timer)
2)  No external capacitor for setting delay time required
3)  3 kinds of delay time:  50msec(Typ.)(BD45XX5G,BD46XX5G)
                                  100msec(Typ.)(BD45XX1G,BD46XX1G)
                                  200msec(Typ.)(BD45XX2G,BD46XX2G)
4)  Detection voltage: 2.3V ~ 4.8V  0.1V step
5)  High-accuracy detection voltage: ±1.0%
6)  Ultra low current consumption: 0.85mA typ.
7)  Output circuit: Nch open drain(BD45XXXG)
                        CMOS(BD46XXXG)
8)  Package:  SSOP5(SMP5C2)
9)  Operating temperature range:  -40°C ~ +105°C

Applications
Every kind of appliances with microcontroller and logic circuit




Similar Part No. - BD46XX1G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD46XX1G ROHM-BD46XX1G Datasheet
218Kb / 6P
   Voltage Detector IC built in Delay Circuit
More results


Similar Description - BD46XX1G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD5223 ETC-BD5223 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
BD49XXFVE ROHM-BD49XXFVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD49XXG ROHM-BD49XXG Datasheet
260Kb / 6P
   Voltage Detector IC
logo
BOWIN ELECTRONIC CO.
CDT5430 BOWIN-CDT5430 Datasheet
105Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BU48XXF ROHM-BU48XXF Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU48XXFVE ROHM-BU48XXFVE Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU49XXFVE ROHM-BU49XXFVE Datasheet
272Kb / 6P
   Low Voltage Detector IC
BU49XXF ROHM-BU49XXF Datasheet
265Kb / 6P
   Low Voltage Detector IC
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com