Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ27C256-15JM Datasheet (PDF) - Austin Semiconductor

SMJ27C256-15JM Datasheet PDF - Austin Semiconductor
Part # SMJ27C256-15JM
Download  SMJ27C256-15JM Download

File Size   129.65 Kbytes
Page   11 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 256K UVEPROM

SMJ27C256-15JM Datasheet (PDF)

Go To PDF Page Download Datasheet
SMJ27C256-15JM Datasheet PDF - Austin Semiconductor

Part # SMJ27C256-15JM
Download  SMJ27C256-15JM Click to download

File Size   129.65 Kbytes
Page   11 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 256K UVEPROM

SMJ27C256-15JM Datasheet (HTML) - Austin Semiconductor

Back Button SMJ27C256-15JM Datasheet HTML 1Page - Austin Semiconductor SMJ27C256-15JM Datasheet HTML 2Page - Austin Semiconductor SMJ27C256-15JM Datasheet HTML 3Page - Austin Semiconductor SMJ27C256-15JM Datasheet HTML 4Page - Austin Semiconductor SMJ27C256-15JM Datasheet HTML 5Page - Austin Semiconductor SMJ27C256-15JM Datasheet HTML 6Page - Austin Semiconductor SMJ27C256-15JM Datasheet HTML 7Page - Austin Semiconductor SMJ27C256-15JM Datasheet HTML 8Page - Austin Semiconductor SMJ27C256-15JM Datasheet HTML 9Page - Austin Semiconductor SMJ27C256-15JM Datasheet HTML 10Page - Austin Semiconductor Next Button 

SMJ27C256-15JM Product details

GENERAL DESCRIPTION
The SMJ27C256 series is a set of 262,144 bit, ultraviolet light erasable, electrically programmable read-only memories. These devices are fabricated using power-saving CMOS technology for high speed and simple interface with MOS and bipolar circuits. All inputs (including program data inputs) can be driven by Series 54 TTL circuits without the use of external pullup resistors. Each output can drive one Series 54 TTL circuit without external resistors. The data outputs are 3-state for connecting multiple devices to a common bus. The SMJ27C256 is pin-compatible with 28-pin 256K ROMs and EPROMs. It is offered in a 600mil dual-in-line ceramic pagackage (J suffix) rated for operation from -55°C to 125°C.

FEATURES
• Organized 32,768 x 8
• Single +5V ±10% power supply
• Pin-compatible with existing 256K ROM’s and EPROM’s
• All inputs/outputs fully TTL compatible
• Power-saving CMOS technology
• Very high-speed SNAP! Pulse Programming
• 3-state output buffers
• 400-mV DC assured noise immunity with standarad TTL loads
• Latchup immunity of 250 mA on all input and output pins
• Low power dissipation (CMOS Input Levels)
   Active - 165mW Worst Case
   Standby - 1.7mW Worst Case (CMOS-input levels)




Similar Part No. - SMJ27C256-15JM

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SMJ27C256 SAMHOP-SMJ27C256 Datasheet
185Kb / 10P
   Built-in adjustable OSC
More results


Similar Description - SMJ27C256-15JM

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C010A AUSTIN-SMJ27C010A Datasheet
142Kb / 11P
   UVEPROM
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
Sanyo Semicon Device
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com