Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG794BRQZ-REEL7 Datasheet (PDF) - Analog Devices

ADG794BRQZ-REEL7 Datasheet PDF - Analog Devices
Part # ADG794BRQZ-REEL7
Download  ADG794BRQZ-REEL7 Download

File Size   354.26 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage, 300 MHz Quad 2:1 Mux Analog HDTV Audio/Video Switch

ADG794BRQZ-REEL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG794BRQZ-REEL7 Datasheet PDF - Analog Devices

Part # ADG794BRQZ-REEL7
Download  ADG794BRQZ-REEL7 Click to download

File Size   354.26 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage, 300 MHz Quad 2:1 Mux Analog HDTV Audio/Video Switch

ADG794BRQZ-REEL7 Datasheet (HTML) - Analog Devices

Back Button ADG794BRQZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG794BRQZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG794BRQZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG794BRQZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG794BRQZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG794BRQZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG794BRQZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG794BRQZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG794BRQZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG794BRQZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button 

ADG794BRQZ-REEL7 Product details

GENERAL DESCRIPTION

The ADG794 is a monolithic CMOS device comprising four 2:1 multiplexer/demultiplexers with high impedance outputs. The CMOS process provides low power dissipation yet gives high switching speed and low on resistance. The on resistance variation is typically less than 1.2 Ω over the input signal range.

The bandwidth of the ADG794 is typically 300 MHz and this, coupled with low distortion (typically 0.68%), makes the part suitable for switching analog audio/video signals.



FEATURES

  Bandwidth: 300 MHz

  Low insertion loss and on resistance: 5 Ω typical

  On resistance flatness: 0.68 Ω typical

  Single 3 V/5 V supply operation

  Low quiescent supply current: 1 nA typical

  Fast switching times:

     tON, 7 ns

     tOFF, 5 ns

  TTL/CMOS compatible



APPLICATIONS

  RGB switches

  HDTV

  DVD-R

  Audio/video switches



 




Similar Part No. - ADG794BRQZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG790 AD-ADG790 Datasheet
412Kb / 20P
   Low Voltage, CMOS Multimedia Switch
REV. 0
ADG790 AD-ADG790 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADG790 AD-ADG790 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADG790BCBZ-REEL AD-ADG790BCBZ-REEL Datasheet
412Kb / 20P
   Low Voltage, CMOS Multimedia Switch
REV. 0
ADG790 AD-ADG790_15 Datasheet
403Kb / 20P
   Low Voltage, CMOS Multimedia Switch
REV. A
More results


Similar Description - ADG794BRQZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
Analog Devices
ADG884 AD-ADG884_15 Datasheet
304Kb / 16P
   2:1 MUX/SPDT Audio Switch
REV. D
logo
Pericom Semiconductor C...
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
logo
Elantec Semiconductor
EL4332C ELANTEC-EL4332C Datasheet
1Mb / 17P
   Triple 2:1 300 MHz Mux-Amp AV =2
logo
Analog Devices
ADG884 AD-ADG884 Datasheet
298Kb / 16P
   DUAL 2:1 MUX/SPDT AUDIO SWITCH
REV. A
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com