Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2349 Datasheet (PDF) - NTE Electronics

NTE2349 Datasheet PDF - NTE Electronics
Part # NTE2349
Download  NTE2349 Download

File Size   26.78 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Darlington Transistors High Current, General Purpose

NTE2349 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2349 Datasheet PDF - NTE Electronics

Part # NTE2349
Download  NTE2349 Click to download

File Size   26.78 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Darlington Transistors High Current, General Purpose

NTE2349 Datasheet (HTML) - NTE Electronics

NTE2349 Datasheet HTML 1Page - NTE Electronics NTE2349 Datasheet HTML 2Page - NTE Electronics

NTE2349 Product details

Description:

The NTE2349 (NPN) and NTE2350 (PNP) are silicon complementary Darlington transistors in a TO3 type package designed for use as output devices in general purpose amplifier applications.



Features:

• High DC Current Gain: hFE = 1000 (Min) @ IC = 25A

   hFE = 400 (Min) @ IC = 50A

• Diode Protection to Rated IC

• Monolithic Construction w/Built–In Base–Emitter Shunt Resistor

• Junction Temperature to +200°C



 




Similar Part No. - NTE2349

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE234 NTE-NTE234 Datasheet
21Kb / 2P
   Silicon PNP Transistor Low Noise, High Gain Amplifier
NTE2340 NTE-NTE2340 Datasheet
22Kb / 2P
   Silicon NPN Transistor Darlington Power Amp, Switch
NTE2341 NTE-NTE2341 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2342 NTE-NTE2342 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2343 NTE-NTE2343 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Darlington Power Amp, Switch
More results


Similar Description - NTE2349

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2404 NTE-NTE2404 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington, General Purpose
NTE16004 NTE-NTE16004 Datasheet
23Kb / 4P
   Silicon Complementary Transistors High Current, General Purpose
NTE48 NTE-NTE48 Datasheet
21Kb / 2P
   Silicon NPN Transistor Darlington, General Purpose Amplifier, High Current
logo
AiT Semiconductor Inc.
MMBTA13L AITSEMI-MMBTA13L Datasheet
771Kb / 8P
   GENERAL PURPOSE TRANSISTORS DARLINGTON AMPLIFIER TRANSISTORS
REV1.0
logo
NTE Electronics
NTE2345 NTE-NTE2345 Datasheet
25Kb / 2P
   Silicon Complementary Transistors General Purpose Darlington, Power Amplifier
NTE2416 NTE-NTE2416 Datasheet
24Kb / 2P
   Silicon Complementary Transistors High Current General Purpose Amp/Switch
NTE2363 NTE-NTE2363 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current General Purpose Amp/Switch
logo
Siemens Semiconductor G...
BCV29 SIEMENS-BCV29 Datasheet
141Kb / 4P
   NPN Silicon Darlington Transistors (For general AF applications High collector current)
BCV26 SIEMENS-BCV26 Datasheet
141Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
BCV28 SIEMENS-BCV28 Datasheet
142Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com