Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE60LDFRW204ML Datasheet (PDF) - Vishay Siliconix

PE60LDFRW204ML Datasheet PDF - Vishay Siliconix
Part # PE60LDFRW204ML
Download  PE60LDFRW204ML Download

File Size   120.94 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Panel 6 W Potentiometer

PE60LDFRW204ML Datasheet (PDF)

Go To PDF Page Download Datasheet
PE60LDFRW204ML Datasheet PDF - Vishay Siliconix

Part # PE60LDFRW204ML
Download  PE60LDFRW204ML Click to download

File Size   120.94 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Panel 6 W Potentiometer

PE60LDFRW204ML Datasheet (HTML) - Vishay Siliconix

PE60LDFRW204ML Datasheet HTML 1Page - Vishay Siliconix PE60LDFRW204ML Datasheet HTML 2Page - Vishay Siliconix PE60LDFRW204ML Datasheet HTML 3Page - Vishay Siliconix PE60LDFRW204ML Datasheet HTML 4Page - Vishay Siliconix PE60LDFRW204ML Datasheet HTML 5Page - Vishay Siliconix

PE60LDFRW204ML Product details

• High power rating 6 W at 50 °C
• Cermet element
• Full sealing
• Mechanical strength
• Industrial and professional grade
• Tests according to CECC 41000 or IEC 60393-1




Similar Part No. - PE60LDFRW204ML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE60LDFRW204ML VISHAY-PE60LDFRW204ML Datasheet
123Kb / 5P
   Power Panel Potentiometer
Revision: 05-Jun-08
More results


Similar Description - PE60LDFRW204ML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE60 VISHAY-PE60_V01 Datasheet
758Kb / 5P
   Power Panel 6 W Potentiometer
01-Jan-2022
logo
CTS Corporation
12VR CTS-12VR Datasheet
847Kb / 7P
   12mm Panel Potentiometer w/Illuminated Shaft
logo
Vishay Siliconix
PE60 VISHAY-PE60 Datasheet
123Kb / 5P
   Power Panel Potentiometer
Revision: 05-Jun-08
logo
TT Electronics.
P09X TTELEC-P09X Datasheet
976Kb / 6P
   Panel Potentiometer
P090 TTELEC-P090 Datasheet
546Kb / 3P
   Panel Potentiometer
P08X TTELEC-P08X Datasheet
1Mb / 7P
   Panel Potentiometer
P110 TTELEC-P110 Datasheet
629Kb / 4P
   Panel Potentiometer
logo
Marktech Corporate
MT1064S15-G MARKTECH-MT1064S15-G Datasheet
82Kb / 2P
   Red Panel Mount LED w/6
logo
CTS Corporation
11VR CTS-11VR Datasheet
1Mb / 8P
   11mm Panel Potentiometer
09VR CTS-09VR Datasheet
1Mb / 7P
   9mm Panel Potentiometer
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com