Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBO40-40G Datasheet (PDF) - STMicroelectronics

RBO40-40G Datasheet PDF - STMicroelectronics
Part # RBO40-40G
Download  RBO40-40G Download

File Size   267.72 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description REVERSED BATTERY AND OVERVOLTAGE PROTECTION

RBO40-40G Datasheet (PDF)

Go To PDF Page Download Datasheet
RBO40-40G Datasheet PDF - STMicroelectronics

Part # RBO40-40G
Download  RBO40-40G Click to download

File Size   267.72 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description REVERSED BATTERY AND OVERVOLTAGE PROTECTION

RBO40-40G Datasheet (HTML) - STMicroelectronics

RBO40-40G Datasheet HTML 1Page - STMicroelectronics RBO40-40G Datasheet HTML 2Page - STMicroelectronics RBO40-40G Datasheet HTML 3Page - STMicroelectronics RBO40-40G Datasheet HTML 4Page - STMicroelectronics RBO40-40G Datasheet HTML 5Page - STMicroelectronics RBO40-40G Datasheet HTML 6Page - STMicroelectronics RBO40-40G Datasheet HTML 7Page - STMicroelectronics RBO40-40G Datasheet HTML 8Page - STMicroelectronics RBO40-40G Datasheet HTML 9Page - STMicroelectronics RBO40-40G Datasheet HTML 10Page - STMicroelectronics

RBO40-40G Product details

DESCRIPTION
Designed to protect against battery reversal and load dump overvoltagesin automotiveapplications, this monolithic component offers multiple functionsin the same package :
D1 : reversed battery protection
T1 : clamping against negative overvoltages
T2 : Transil functionagainst ”load dump” effect.

FEATURES
■ PROTECTION AGAINST”LOADDUMP” PULSE
■ 40A DIODE TO GUARD AGAINST BATTERY REVERSAL
■ MONOLITHIC STRUCTURE FOR GREATER RELIABILITY
■ BREAKDOWN VOLTAGE : 24 V min.
■ CLAMPING VOLTAGE : ± 40 V max.
■ COMPLIANT WITH ISO / DTR 7637




Similar Part No. - RBO40-40G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RBO40-40G STMICROELECTRONICS-RBO40-40G Datasheet
166Kb / 15P
   REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO
January 1997 - Ed : 3
More results


Similar Description - RBO40-40G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RBO08-40G STMICROELECTRONICS-RBO08-40G_03 Datasheet
303Kb / 9P
   REVERSED BATTERY AND OVERVOLTAGE PROTECTION
logo
Unisonic Technologies
LM39102G-S08-R UTC-LM39102G-S08-R Datasheet
165Kb / 5P
   Reversed-battery protection
logo
Maxim Integrated Produc...
MAX4919B MAXIM-MAX4919B Datasheet
317Kb / 19P
   Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
logo
ON Semiconductor
NCP370 ONSEMI-NCP370_11 Datasheet
220Kb / 11P
   Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
logo
Texas Instruments
BQ24314EVM TI1-BQ24314EVM Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
logo
Power-One
QAS050ZG POWER-ONE-QAS050ZG Datasheet
87Kb / 3P
   Overvoltage Protection
logo
STMicroelectronics
STEVAL-ISA026V1 STMICROELECTRONICS-STEVAL-ISA026V1 Datasheet
91Kb / 4P
   Overvoltage protection
December 2007 Rev 1
logo
Linear Technology
LTC4078 LINER-LTC4078_15 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
logo
STMicroelectronics
SPT01-335DEE STMICROELECTRONICS-SPT01-335DEE Datasheet
494Kb / 16P
   Automation sensor transient and overvoltage protection
logo
ON Semiconductor
NCP372 ONSEMI-NCP372_10 Datasheet
230Kb / 12P
   Positive and Negative Overvoltage Protection Controller
October, 2010 ??Rev. 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com