Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8103-F3-A Datasheet (PDF) - NEC

PS8103-F3-A Datasheet PDF - NEC
Part # PS8103-F3-A
Download  PS8103-F3-A Download

File Size   318.15 Kbytes
Page   10 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER

PS8103-F3-A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS8103-F3-A Datasheet PDF - NEC

Part # PS8103-F3-A
Download  PS8103-F3-A Click to download

File Size   318.15 Kbytes
Page   10 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER

PS8103-F3-A Datasheet (HTML) - NEC

PS8103-F3-A Datasheet HTML 1Page - NEC PS8103-F3-A Datasheet HTML 2Page - NEC PS8103-F3-A Datasheet HTML 3Page - NEC PS8103-F3-A Datasheet HTML 4Page - NEC PS8103-F3-A Datasheet HTML 5Page - NEC PS8103-F3-A Datasheet HTML 6Page - NEC PS8103-F3-A Datasheet HTML 7Page - NEC PS8103-F3-A Datasheet HTML 8Page - NEC PS8103-F3-A Datasheet HTML 9Page - NEC PS8103-F3-A Datasheet HTML 10Page - NEC

PS8103-F3-A Product details

DESCRIPTION

The PS8103 is an optically coupled isolator containing a GaAs LED on the light emitting diode (input side) and a PIN photodiode and a high-speed amplifier transistor on the output side on one chip. This is a plastic SOP (Small Out-line Package) type for high density applications.



FEATURES

• Wide operating VCC range (VCC = −0.5 to +15 V)

• Small package (5-pin SOP)

• High isolation voltage (BV = 2 500 Vr.m.s.)

• High-speed response (tPHL, tPLH = 5 µs MAX. (@RL = 4.1 kΩ))

• Ordering number of taping product: PS8103-F3, F4: 2 500 pcs/reel

• Pb-Free product

• Safety standards

• UL approved: File No. E72422



APPLICATIONS

• Computer and peripheral manufactures

• General purpose inverter

• Substitutions for relays and pulse transformers

• Power supply



 




Similar Part No. - PS8103-F3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8103-F3-A CEL-PS8103-F3-A Datasheet
346Kb / 12P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Similar Description - PS8103-F3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8103 CEL-PS8103 Datasheet
346Kb / 12P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8103 RENESAS-PS8103 Datasheet
262Kb / 13P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
logo
NEC
PS8703 NEC-PS8703 Datasheet
122Kb / 6P
   NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS8701 NEC-PS8701 Datasheet
65Kb / 8P
   HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9701 NEC-PS9701 Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101_15 Datasheet
258Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101_16 Datasheet
429Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS8802-1 NEC-PS8802-1 Datasheet
107Kb / 3P
   NECs 1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com