Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2-H-6V Datasheet (PDF) - Nais(Matsushita Electric Works)

TX2-H-6V Datasheet PDF - Nais(Matsushita Electric Works)
Part # TX2-H-6V
Download  TX2-H-6V Download

File Size   166.71 Kbytes
Page   7 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE

TX2-H-6V Datasheet (PDF)

Go To PDF Page Download Datasheet
TX2-H-6V Datasheet PDF - Nais(Matsushita Electric Works)

Part # TX2-H-6V
Download  TX2-H-6V Click to download

File Size   166.71 Kbytes
Page   7 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE

TX2-H-6V Datasheet (HTML) - Nais(Matsushita Electric Works)

TX2-H-6V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TX2-H-6V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TX2-H-6V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TX2-H-6V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TX2-H-6V Datasheet HTML 5Page - Nais(Matsushita Electric Works) TX2-H-6V Datasheet HTML 6Page - Nais(Matsushita Electric Works) TX2-H-6V Datasheet HTML 7Page - Nais(Matsushita Electric Works)

TX2-H-6V Product details

FEATURES
• Breakdown voltage between contacts and coil: 2,000 V
• Surge withstand between contacts and coil: 2,500 V
• High contact capacity: 2 A 30 V DC
• Surface-mount type available




Similar Part No. - TX2-H-6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2-1.5V PANASONIC-TX2-1.5V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
List of Unclassifed Man...
TX2-10 ETC1-TX2-10 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX2-10F ETC1-TX2-10F Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX2-10FZ ETC1-TX2-10FZ Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX2-10X ETC1-TX2-10X Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
More results


Similar Description - TX2-H-6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX-D PANASONICBATTERY-TX-D Datasheet
124Kb / 7P
   High Breakdown Voltage Relay
logo
Panasonic Semiconductor
TXD2-3V PANASONIC-TXD2-3V Datasheet
124Kb / 7P
   High Breakdown Voltage Relay Communications (xDSL)
logo
ON Semiconductor
2SA1709 ONSEMI-2SA1709 Datasheet
623Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
logo
Omron Electronics LLC
G7L-V1 OMRON-G7L-V1 Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
G7L OMRON-G7L_V01 Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
logo
ON Semiconductor
2SA1419 ONSEMI-2SA1419 Datasheet
354Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
August, 2013
2SA1416 ONSEMI-2SA1416 Datasheet
358Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
September, 2013
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com