Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-H513-EF200 Datasheet (PDF) - Agilent(Hewlett-Packard)

5082-H513-EF200 Datasheet PDF - Agilent(Hewlett-Packard)
Part # 5082-H513-EF200
Download  5082-H513-EF200 Download

File Size   189.93 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Black Surface Seven Segment Displays

5082-H513-EF200 Datasheet (PDF)

Go To PDF Page Download Datasheet
5082-H513-EF200 Datasheet PDF - Agilent(Hewlett-Packard)

Part # 5082-H513-EF200
Download  5082-H513-EF200 Click to download

File Size   189.93 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Black Surface Seven Segment Displays

5082-H513-EF200 Datasheet (HTML) - Agilent(Hewlett-Packard)

Back Button 5082-H513-EF200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-H513-EF200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-H513-EF200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-H513-EF200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-H513-EF200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-H513-EF200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-H513-EF200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-H513-EF200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-H513-EF200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-H513-EF200 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button 

5082-H513-EF200 Product details

Description
These devices use industry standard size package and pinout. Available with black surface finish. All devices are available as either common anode or common cathode.

Features
• Black Surface and Color Tinted Epoxy
• Industry Standard Size
• Industry Standard Pinout
• Choice of Character Size 7.6 mm (0.30 in.), 10 mm (0.40 in.), 14.2 mm (0.56 in.)
• Choice of Colors AlGaAs Red, High Efficiency Red (HER), Green, Orange
• Excellent Appearance Evenly Lighted Segments ± 50° Viewing Angle
• Design Flexibility Common Anode or Common Cathode Single and Two Digit
• Categorized for Luminous Intensity
    Categorized for Color: Green Use of Like Categories Yields a Uniform Display
• Excellent for Long Digit String Multiplexing




Similar Part No. - 5082-H513-EF200

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5082-H-ABC0-D-E SCHURTER-5082-H-ABC0-D-E Datasheet
315Kb / 2P
   IEC Appliance Outlet D, Screw-on Mounting, Front or Rear Side, Solder Terminal
logo
Agilent(Hewlett-Packard...
5082-H101-00000 HP-5082-H101-00000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-H101-0C000 HP-5082-H101-0C000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-H101-0D000 HP-5082-H101-0D000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-H101-0E000 HP-5082-H101-0E000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
More results


Similar Description - 5082-H513-EF200

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A413 AVAGO-HDSP-A413_10 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com