Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6244CUZT7 Datasheet (PDF) - Intersil Corporation

EL6244CUZT7 Datasheet PDF - Intersil Corporation
Part # EL6244CUZT7
Download  EL6244CUZT7 Download

File Size   46.15 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3-Channel Laser Diode Driver w/Oscillator & APC Amplifier

EL6244CUZT7 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6244CUZT7 Datasheet PDF - Intersil Corporation

Part # EL6244CUZT7
Download  EL6244CUZT7 Click to download

File Size   46.15 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3-Channel Laser Diode Driver w/Oscillator & APC Amplifier

EL6244CUZT7 Datasheet (HTML) - Intersil Corporation

EL6244CUZT7 Datasheet HTML 1Page - Intersil Corporation EL6244CUZT7 Datasheet HTML 2Page - Intersil Corporation

EL6244CUZT7 Product details

The EL6244 is a high-performance three channel laser driver that provides controlled current to a grounded laser diode. Channels 2 and 3 should be used as the write channels, with switching speeds of approximately one nanosecond rise/fall time. All three channels are summed together at the IOUToutput, allowing the user to create multilevel waveforms in order to optimize laser diode
performance.

Features
• “Shrink-Small” Outline Package
• Voltage-controlled output current source, requiring one external set resistor per channel
• Auto oscillator on-off with OUTEN signals
• Rise time = 0.8ns
• Fall time = 0.8ns
• On chip oscillator with frequency and amplitude control by use of external resistors to ground
• Oscillator to 500MHz
• Oscillator to 100mAPK/PK
• Single +5V supply (±10%)
• Disable feature for power-up protection and power savings
• Fast Settling APC Amplifier
• Pb-free Available as an Option




Similar Part No. - EL6244CUZT7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6244CU ELANTEC-EL6244CU Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
More results


Similar Description - EL6244CUZT7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6242C ELANTEC-EL6242C Datasheet
140Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245C ELANTEC-EL6245C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Intersil Corporation
EL6245 INTERSIL-EL6245 Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Elantec Semiconductor
EL6283C ELANTEC-EL6283C Datasheet
41Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6244C ELANTEC-EL6244C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Intersil Corporation
EL6173 INTERSIL-EL6173 Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Elantec Semiconductor
EL6248C ELANTEC-EL6248C Datasheet
136Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6288C ELANTEC-EL6288C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6258C ELANTEC-EL6258C Datasheet
135Kb / 2P
   3-Channel Laser Driver Oscillator APC Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com