Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ7.5CA Datasheet (PDF) - Littelfuse

SMCJ7.5CA Datasheet PDF - Littelfuse
Part # SMCJ7.5CA
Download  SMCJ7.5CA Download

File Size   141.02 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors

SMCJ7.5CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMCJ7.5CA Datasheet PDF - Littelfuse

Part # SMCJ7.5CA
Download  SMCJ7.5CA Click to download

File Size   141.02 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors

SMCJ7.5CA Datasheet (HTML) - Littelfuse

SMCJ7.5CA Datasheet HTML 1Page - Littelfuse SMCJ7.5CA Datasheet HTML 2Page - Littelfuse

SMCJ7.5CA Product details

FEATURES

• RoHS compliant

• For surface mounted applications in order to optimize board space

• Low profile package

• Built-in strain relief

• Glass passivated junction

• Low inductance

• Excellent clamping capability

• Repetition Rate(duty cycle): 0.05%

• Fast response time: typically less than 1.0ps from 0 Volts to BV min.

• Typical IR less than 1mA above 10V

• High temperature soldering: 250˚C/10 seconds at terminals

• Plastic package has Underwriters Laboratory Flammability 94V-O



 




Similar Part No. - SMCJ7.5CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
SMCJ7.5CA SEMITECH-SMCJ7.5CA Datasheet
245Kb / 6P
   Low profile package
logo
Fairchild Semiconductor
SMCJ7.5CA FAIRCHILD-SMCJ7.5CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
HuaXinAn Electronics CO...
SMCJ7.5CA HUAXINAN-SMCJ7.5CA Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
logo
Diotech Company.
SMCJ7.5CA DIOTECH-SMCJ7.5CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMCJ7.5CA LUGUANG-SMCJ7.5CA Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
More results


Similar Description - SMCJ7.5CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
SMAJ5.0A LITTELFUSE-SMAJ5.0A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
P4SMA6.8A LITTELFUSE-P4SMA6.8A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   1500W Axial Leaded Transient Voltage Supressors
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
SMBJ5.0 LITTELFUSE-SMBJ5.0 Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com