Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT16500CDL Datasheet (PDF) - NXP Semiconductors

BT16500CDL Datasheet PDF - NXP Semiconductors
Part # BT16500CDL
Download  BT16500CDL Download

File Size   88.6 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit universal bus transceiver 3-State

BT16500CDL Datasheet (PDF)

Go To PDF Page Download Datasheet
BT16500CDL Datasheet PDF - NXP Semiconductors

Part # BT16500CDL
Download  BT16500CDL Click to download

File Size   88.6 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit universal bus transceiver 3-State

BT16500CDL Datasheet (HTML) - NXP Semiconductors

Back Button BT16500CDL Datasheet HTML 1Page - NXP Semiconductors BT16500CDL Datasheet HTML 2Page - NXP Semiconductors BT16500CDL Datasheet HTML 3Page - NXP Semiconductors BT16500CDL Datasheet HTML 4Page - NXP Semiconductors BT16500CDL Datasheet HTML 5Page - NXP Semiconductors BT16500CDL Datasheet HTML 6Page - NXP Semiconductors BT16500CDL Datasheet HTML 7Page - NXP Semiconductors BT16500CDL Datasheet HTML 8Page - NXP Semiconductors BT16500CDL Datasheet HTML 9Page - NXP Semiconductors BT16500CDL Datasheet HTML 10Page - NXP Semiconductors Next Button 

BT16500CDL Product details

DESCRIPTION
The 74ABT16500C is a high-performance BiCMOS Device which combines low static and dynamic power dissipation with high speed and high output drive.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
Two options are available, 74ABT16500C which does not have the bus-hold feature and 74ABTH16500C which incorporates the bus-hold feature.

FEATURES
• 18-bit bidirectional bus interface
• 3-State buffers
• 74ABTH16500C incorporates bus-hold data inputs which
   eliminate the need for external pull-up resistors to hold unused
   inputs
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Live insertion/extraction permitted
• Power-up reset
• Power-up 3-State
• Negative edge-triggered clock inputs
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
   and 200V per Machine Model
• Flexible operation permits 18 embedded D-type latches or
   flip-flops to operate in clocked, transparent, or latched modes.




Similar Part No. - BT16500CDL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT16501ADGG PHILIPS-BT16501ADGG Datasheet
88Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Feb 27
BT16501ADL PHILIPS-BT16501ADL Datasheet
88Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Feb 27
More results


Similar Description - BT16500CDL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com