Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5172 Datasheet (PDF) - TRANSYS Electronics Limited

2N5172 Datasheet PDF - TRANSYS Electronics Limited
Part # 2N5172
Download  2N5172 Download

File Size   66.08 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2N5172 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5172 Datasheet PDF - TRANSYS Electronics Limited

Part # 2N5172
Download  2N5172 Click to download

File Size   66.08 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2N5172 Datasheet (HTML) - TRANSYS Electronics Limited

2N5172 Datasheet HTML 1Page - TRANSYS Electronics Limited

2N5172 Product details

TRANSISTOR (NPN)

FEATURES
    Power dissipation
        PCM : 0.625 W (Tamb=25℃)
    Collector current
        ICM : 0.5 A
    Collector-base voltage
        V(BR)CBO : 25 V
    Operating and storage junction temperature range
        TJ, Tstg: -55℃ to +150℃




Similar Part No. - 2N5172

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5172 FAIRCHILD-2N5172 Datasheet
23Kb / 3P
   NPN General Purpose Amplifier
logo
Central Semiconductor C...
2N5172 CENTRAL-2N5172 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
Fairchild Semiconductor
2N5172 FAIRCHILD-2N5172 Datasheet
291Kb / 7P
   NPN General Purpose Amplifier
logo
Diotec Semiconductor
2N5172 DIOTEC-2N5172 Datasheet
105Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
   NPN Plastic Encapsulated Transistor
More results


Similar Description - 2N5172

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
   Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
TIP31 TEL-TIP31 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
   Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com