Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002DW Datasheet (PDF) - TRANSYS Electronics Limited

2N7002DW Datasheet PDF - TRANSYS Electronics Limited
Part # 2N7002DW
Download  2N7002DW Download

File Size   114.22 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2N7002DW Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002DW Datasheet PDF - TRANSYS Electronics Limited

Part # 2N7002DW
Download  2N7002DW Click to download

File Size   114.22 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2N7002DW Datasheet (HTML) - TRANSYS Electronics Limited

2N7002DW Datasheet HTML 1Page - TRANSYS Electronics Limited

2N7002DW Product details

MOSFET (N-Channel)

FEATURES
   Power dissipation
      PD : 0.2 W (Tamb=25℃)
   Collector current
      ID: 115 mA
   Collector-base voltage
      VDS: 60 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - 2N7002DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW Datasheet
66Kb / 3P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30120 Rev. 2P-1
logo
Micro Commercial Compon...
2N7002DW MCC-2N7002DW Datasheet
190Kb / 2P
   N-Channel MOSFET
logo
Weitron Technology
2N7002DW WEITRON-2N7002DW Datasheet
77Kb / 3P
   Dual N-Channel MOSFET
logo
Unisonic Technologies
2N7002DW UTC-2N7002DW Datasheet
291Kb / 6P
   300mA, 60V DUAL N-CHANNEL POWER MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW Datasheet
164Kb / 3P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30120 Rev. 8 - 2
More results


Similar Description - 2N7002DW

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
   Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
TIP31 TEL-TIP31 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
   Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com