Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1000N33-I4T1G Datasheet (PDF) - Seiko Instruments Inc

S-1000N33-I4T1G Datasheet PDF - Seiko Instruments Inc
Part # S-1000N33-I4T1G
Download  S-1000N33-I4T1G Download

File Size   494.11 Kbytes
Page   38 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR

S-1000N33-I4T1G Datasheet (PDF)

Go To PDF Page Download Datasheet
S-1000N33-I4T1G Datasheet PDF - Seiko Instruments Inc

Part # S-1000N33-I4T1G
Download  S-1000N33-I4T1G Click to download

File Size   494.11 Kbytes
Page   38 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR

S-1000N33-I4T1G Datasheet (HTML) - Seiko Instruments Inc

Back Button S-1000N33-I4T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1000N33-I4T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1000N33-I4T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1000N33-I4T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1000N33-I4T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1000N33-I4T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1000N33-I4T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1000N33-I4T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1000N33-I4T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1000N33-I4T1G Datasheet HTML 10Page - Seiko Instruments Inc Next Button 

S-1000N33-I4T1G Product details

The S-1000 series is a series of high-precision voltage detectors developed using CMOSprocess. The detection voltage is fixed internally with an accuracy of ±1.0%. It operates with low current consumption of 350 nA typ. Two output forms, Nch open-drain and CMOS output, are available. CMOS voltage detector, S-1000 Series is the most suitable for the portable equipments with ultra low current consumption, high precisionand corresponding to the small package.

„Features
• Ultra-low current consumption  350 nA typ. (VDD =detection voltage +1.5 V)
• High-precision detection voltage  ±1.0%
• Operating voltage range  0.95 to 5.5 V
• Hysteresis characteristics  5% typ.
• Detection voltage  1.5 to 4.6 V (0.1 V step)
• Output form  Nch open-drain output (Active “L”) CMOS output (Active “L”)
• Lead-free products

„Applications
• Power monitor for microcomputers and reset for CPUs.
• Power monitor for portable equipments such as cellular phones, digital still cameras and PDAs.
• Constant voltage power monitor for cameras, video equipments and communication devices.




Similar Part No. - S-1000N33-I4T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000N33-I4T1U ABLIC-S-1000N33-I4T1U Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
More results


Similar Description - S-1000N33-I4T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com