Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN73711 Datasheet (PDF) - Fairchild Semiconductor

FAN73711 Datasheet PDF - Fairchild Semiconductor
Part # FAN73711
Download  FAN73711 Download

File Size   1252.1 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High-Current, High-Side Gate Drive IC

FAN73711 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN73711 Datasheet PDF - Fairchild Semiconductor

Part # FAN73711
Download  FAN73711 Click to download

File Size   1252.1 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High-Current, High-Side Gate Drive IC

FAN73711 Datasheet (HTML) - Fairchild Semiconductor

Back Button FAN73711 Datasheet HTML 1Page - Fairchild Semiconductor FAN73711 Datasheet HTML 2Page - Fairchild Semiconductor FAN73711 Datasheet HTML 3Page - Fairchild Semiconductor FAN73711 Datasheet HTML 4Page - Fairchild Semiconductor FAN73711 Datasheet HTML 5Page - Fairchild Semiconductor FAN73711 Datasheet HTML 6Page - Fairchild Semiconductor FAN73711 Datasheet HTML 7Page - Fairchild Semiconductor FAN73711 Datasheet HTML 8Page - Fairchild Semiconductor FAN73711 Datasheet HTML 9Page - Fairchild Semiconductor FAN73711 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN73711 Product details

Description
The FAN73711 is a monolithic high-side gate drive IC that can drive high-speed MOSFETs and IGBTs operating up to +600V. It has a buffered output stage with all NMOS transistors designed for high pulse current driving capability and minimum cross-conduction.
Fairchild’s high-voltage process and common-mode noise canceling techniques provide stable operation of the high-side driver under high dv/dt noise circumstances. An advanced level-shift circuit offers high-side gate driver operation up to VS=-9.8V (typical) for VBS=15V. The UVLO circuit prevents malfunction when VBS is lower than the specified threshold voltage.
The high-current and low-output voltage drop feature makes this device suitable for sustain and energy recovery circuit switches driver in the plasma display panel application, motor drive inverter, switching power supply, and high-power DC-DC converter applications.

Features
■ Floating Channel for Bootstrap Operation to +600V
■ 4A/4A Sourcing/Sinking Current Driving Capability
■ Common-Mode dv/dt Noise Canceling Circuit
■ 3.3V and 5V Input Logic Compatible
■ Output In-phase with Input Signal
■ Under-Voltage Lockout for VBS
■ Built-In Shunt Regulator on VDD and VBS
■ 8-Lead Small Outline Package (SOP)

Applications
■ High-Speed Gate Driver
■ Sustain Switch Driver in PDP Application
■ Energy Recovery Circuit Switch Driver in PDP Application
■ High-Power Buck Converter
■ Motor Drive Inverter




Similar Part No. - FAN73711

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN73711 ONSEMI-FAN73711 Datasheet
1Mb / 13P
   High-Current, High-Side Gate Drive IC
March 2013 Rev. 1.0.1
FAN73711MX ONSEMI-FAN73711MX Datasheet
1Mb / 13P
   High-Current, High-Side Gate Drive IC
March 2013 Rev. 1.0.1
More results


Similar Description - FAN73711

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7371 FAIRCHILD-FAN7371 Datasheet
1Mb / 11P
   High-Current High-Side Gate Drive IC
logo
ON Semiconductor
FAN7371 ONSEMI-FAN7371 Datasheet
1Mb / 13P
   High-Current High-Side Gate Drive IC
Rev. 1.0.2
FAN73711 ONSEMI-FAN73711 Datasheet
1Mb / 13P
   High-Current, High-Side Gate Drive IC
March 2013 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7371 FAIRCHILD-FAN7371_09 Datasheet
1Mb / 11P
   High-Current High-Side Gate Drive IC
FAN7171 FAIRCHILD-FAN7171 Datasheet
413Kb / 11P
   High-Current High-Side Gate Drive IC
FAN7190 FAIRCHILD-FAN7190 Datasheet
232Kb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7391 ONSEMI-FAN7391 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
July 2017 Rev. 2
logo
Fairchild Semiconductor
FAN7390 FAIRCHILD-FAN7390 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390A FAIRCHILD-FAN7390A Datasheet
1Mb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390 FAIRCHILD-FAN7390_12 Datasheet
700Kb / 14P
   High-Current, High & Low-Side, Gate-Drive IC
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com