Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-81-4 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

H-81-4 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # H-81-4
Download  H-81-4 Download

File Size   67.79 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 180쨘 Two-Way Power Divider, 5 - 1000 MHz

H-81-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
H-81-4 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # H-81-4
Download  H-81-4 Click to download

File Size   67.79 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 180쨘 Two-Way Power Divider, 5 - 1000 MHz

H-81-4 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

H-81-4 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. H-81-4 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.

H-81-4 Product details

Features
• Broadband Frequency Range
• Low Loss - Less Than 1.3 dB Max
• VSWR - 1.4:1 Max




Similar Part No. - H-81-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H-81-4 MACOM-H-81-4 Datasheet
122Kb / 1P
   180 Two-Way Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
H-81-4 MA-COM-H-81-4 Datasheet
67Kb / 2P
   180o Two-Way Power Divider
logo
Tyco Electronics
H-81-4BNC MACOM-H-81-4BNC Datasheet
122Kb / 1P
   180 Two-Way Power Divider 5 - 1000 MHz
H-81-4N MACOM-H-81-4N Datasheet
122Kb / 1P
   180 Two-Way Power Divider 5 - 1000 MHz
H-81-4SMA MACOM-H-81-4SMA Datasheet
122Kb / 1P
   180 Two-Way Power Divider 5 - 1000 MHz
More results


Similar Description - H-81-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H-81-4 MACOM-H-81-4 Datasheet
122Kb / 1P
   180 Two-Way Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-327 MA-COM-DS-327 Datasheet
49Kb / 2P
   Flatpack Two-Way Power Divider, 5 - 1000 MHz
logo
Tyco Electronics
DS-327 MACOM-DS-327 Datasheet
88Kb / 1P
   Flatpack Two-Way Power Divider 5 - 1000 MHz
DSS-327 MACOM-DSS-327 Datasheet
63Kb / 1P
   Surface Mount Two-Way Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
DSS-327 MA-COM-DSS-327 Datasheet
102Kb / 2P
   Surface Mount Two-Way Power Divider, 5 - 1000 MHz
logo
Tyco Electronics
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
   Two-Way Power Divider 10 - 1000 MHz
logo
M/A-COM Technology Solu...
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
   Two-Way Power Divider, 10 - 1000 MHz
logo
Tyco Electronics
DS-332 MACOM-DS-332 Datasheet
117Kb / 2P
   Two-Way Power Divider 1000 - 2000 MHz
logo
M/A-COM Technology Solu...
MAPD-009673-C2DA40 MA-COM-MAPD-009673-C2DA40 Datasheet
137Kb / 3P
   2 Way Power Divider 5 to 1000 MHz
MAPD-008108-C202C0 MA-COM-MAPD-008108-C202C0 Datasheet
130Kb / 3P
   2-Way Power Divider 5 to 1000 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com