Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE5500-KIT Datasheet (PDF) - Pasternack Enterprises, Inc.

PE5500-KIT Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE5500-KIT
Download  PE5500-KIT Download

File Size   88.85 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 3.5mm, 26.5 GHz VNA Calibration Kit

PE5500-KIT Datasheet (PDF)

Go To PDF Page Download Datasheet
PE5500-KIT Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE5500-KIT
Download  PE5500-KIT Click to download

File Size   88.85 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 3.5mm, 26.5 GHz VNA Calibration Kit

PE5500-KIT Datasheet (HTML) - Pasternack Enterprises, Inc.

PE5500-KIT Datasheet HTML 1Page - Pasternack Enterprises, Inc.



Similar Part No. - PE5500-KIT

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5500-1 PASTERNACK-PE5500-1 Datasheet
81Kb / 1P
   3.5mm MALE, OPEN CIRCUIT
PE5500-2 PASTERNACK-PE5500-2 Datasheet
85Kb / 1P
   OPEN CIRCUIT, 3.5mm FEMALE
PE5500-3 PASTERNACK-PE5500-3 Datasheet
81Kb / 1P
   SHORT CIRCUIT, 3,5mm MALE
PE5500-4 PASTERNACK-PE5500-4 Datasheet
82Kb / 1P
   SHORT CICUIT, 3.5mm FEMALE
PE5500-5 PASTERNACK-PE5500-5 Datasheet
82Kb / 1P
   BROADBAND LOAD 3.5MM MALE
More results


Similar Description - PE5500-KIT

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5501-KIT PASTERNACK-PE5501-KIT Datasheet
138Kb / 1P
   Type N, 18 GHz VNA Calibration Kit
PE5SC3000 PASTERNACK-PE5SC3000 Datasheet
581Kb / 6P
   3.5mm General Purpose Calibration Kit Component Thru Operating From DC to 26.5 GHz
PE5SC1001 PASTERNACK-PE5SC1001 Datasheet
418Kb / 4P
   3.5mm Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
PE5SC2000 PASTERNACK-PE5SC2000 Datasheet
417Kb / 4P
   3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 26.5 GHz
PE5SC1000 PASTERNACK-PE5SC1000 Datasheet
418Kb / 4P
   3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
PE5SC2001 PASTERNACK-PE5SC2001 Datasheet
417Kb / 4P
   3.5mm Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 26.5 GHz
PE5TR1001 PASTERNACK-PE5TR1001 Datasheet
492Kb / 5P
   3.5mm Male General Purpose Calibration Kit
PE5SC3003 PASTERNACK-PE5SC3003 Datasheet
580Kb / 6P
   3.5mm Female General Purpose Calibration Kit
PE5TR1000 PASTERNACK-PE5TR1000 Datasheet
490Kb / 5P
   3.5mm Female General Purpose Calibration Kit
PE5SC3001 PASTERNACK-PE5SC3001 Datasheet
579Kb / 6P
   3.5mm General Purpose Calibration Kit Component
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com