Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16LT1 Datasheet (PDF) - Kwang Myoung I.S. CO.,LTD

BAS16LT1 Datasheet PDF - Kwang Myoung I.S. CO.,LTD
Part # BAS16LT1
Download  BAS16LT1 Download

File Size   2246.17 Kbytes
Page   1 Pages
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD
Description SOT-23 Plastic-Encapsulate Diodes

BAS16LT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16LT1 Datasheet PDF - Kwang Myoung I.S. CO.,LTD

Part # BAS16LT1
Download  BAS16LT1 Click to download

File Size   2246.17 Kbytes
Page   1 Pages
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD
Description SOT-23 Plastic-Encapsulate Diodes

BAS16LT1 Datasheet (HTML) - Kwang Myoung I.S. CO.,LTD

BAS16LT1 Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD

BAS16LT1 Product details

SWITCHING DIODE

FEATURES
   Power dissipation
      PD: 225 mW (Tamb=25℃)
   Forward Current
      IF: 200 m A
   Reverse Voltage
      VR: 75 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - BAS16LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAS16LT1 MOTOROLA-BAS16LT1 Datasheet
79Kb / 4P
   CASE 31808, STYLE 8 SOT23 (TO236AB)
logo
ON Semiconductor
BAS16LT1 ONSEMI-BAS16LT1 Datasheet
45Kb / 4P
   Switching Diode
May, 2004 ??Rev. 3
logo
Leshan Radio Company
BAS16LT1 LRC-BAS16LT1 Datasheet
50Kb / 2P
   Switching Diode
logo
ON Semiconductor
BAS16LT1 ONSEMI-BAS16LT1 Datasheet
53Kb / 4P
   Switching Diode
January, 2006 ??Rev. 5
logo
TRANSYS Electronics Lim...
BAS16LT1 TEL-BAS16LT1 Datasheet
61Kb / 1P
   Plastic-Encapsulated Diodes
More results


Similar Description - BAS16LT1

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
DAN202 HDSEMI-DAN202 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C3V3 MAKOSEMI-BZX84C3V3 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
BAS19 HDSEMI-BAS19 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
BAV23A HDSEMI-BAV23A Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40-06-200MA-SOT-23 DGNJDZ-BAS40-06-200MA-SOT-23 Datasheet
338Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS187 KISEMICONDUCTOR-1SS187 Datasheet
69Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Tiger Electronic Co.,Lt...
1SS193 TGS-1SS193 Datasheet
393Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
MMBD4148 WILLAS-MMBD4148 Datasheet
394Kb / 3P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS181 KISEMICONDUCTOR-1SS181 Datasheet
60Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
1SS193 KISEMICONDUCTOR-1SS193 Datasheet
77Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Microdiode Electronics ...
MMBD4148A CHENDA-MMBD4148A Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com