Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-53661NL Datasheet (PDF) - Pulse A Technitrol Company

PE-53661NL Datasheet PDF - Pulse A Technitrol Company
Part # PE-53661NL
Download  PE-53661NL Download

File Size   181.32 Kbytes
Page   2 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description Fifteen package sizes, Current Rating: up to 23.8ADC, Frequency Range: up to 1MHz

PE-53661NL Datasheet (PDF)

Go To PDF Page Download Datasheet
PE-53661NL Datasheet PDF - Pulse A Technitrol Company

Part # PE-53661NL
Download  PE-53661NL Click to download

File Size   181.32 Kbytes
Page   2 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description Fifteen package sizes, Current Rating: up to 23.8ADC, Frequency Range: up to 1MHz

PE-53661NL Datasheet (HTML) - Pulse A Technitrol Company

PE-53661NL Datasheet HTML 1Page - Pulse A Technitrol Company PE-53661NL Datasheet HTML 2Page - Pulse A Technitrol Company



Similar Part No. - PE-53661NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53661NL PULSE-PE-53661NL Datasheet
181Kb / 2P
   SMT POWER INDUCTORS Toroid - SLIC Series
PE-53661NL PULSE-PE-53661NL Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
PE-53661NL PULSE-PE-53661NL Datasheet
181Kb / 2P
   Fifteen package sizes
PE-53661NL PULSE-PE-53661NL Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
PE-53661NL PULSE-PE-53661NL Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
More results


Similar Description - PE-53661NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53362NLT PULSE-PE-53362NLT Datasheet
181Kb / 2P
   Fifteen package sizes
logo
ETA SOLUTIONS CO. LIMIT...
ETA1013 ETA-ETA1013 Datasheet
212Kb / 1P
   12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
logo
Advanced Crystal Techno...
ACTSPXO08 ACT-ACTSPXO08 Datasheet
58Kb / 1P
   Wide Frequency Range up to 160MHz
17/08/04
logo
Accetek Electronics (Sh...
1MC ACCETEK-1MC Datasheet
285Kb / 5P
   Saturation current rating up to 15.3 Amps
logo
Nell Semiconductor Co.,...
2000PT NELLSEMI-2000PT Datasheet
3Mb / 2P
   Voltage rating up to 1600V
2550PT NELLSEMI-2550PT Datasheet
1Mb / 6P
   Voltage rating up to 3600V
910PT NELLSEMI-910PT Datasheet
126Kb / 2P
   Voltage rating up to 2600V
1150PT NELLSEMI-1150PT Datasheet
2Mb / 2P
   Voltage rating up to 2000V
1260PT NELLSEMI-1260PT Datasheet
1Mb / 2P
   Voltage rating up to 1200V
2500PT NELLSEMI-2500PT Datasheet
2Mb / 3P
   Voltage rating up to 1600V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com