Electronic Components Datasheet Search |
|
BZY47-C3V3 Datasheet (PDF) - First Components International |
BZY47-C3V3 Datasheet (PDF) |
Download Datasheet |
Part # | BZY47-C3V3 |
Download | BZY47-C3V3 Click to download |
File Size | 163.52 Kbytes |
Page | 2 Pages |
Manufacturer | FCI [First Components International] |
Direct Link | http://www.cotra.com.tw/ |
Logo | |
Description | 2 Watt ZENER DIODES (3.3V to 200V) PRO ELECTRON REGISTRATION |
BZY47-C3V3 Datasheet (HTML) - First Components International |
Similar Part No. - BZY47-C3V3 |
|
Similar Description - BZY47-C3V3 |
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |