Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0-281698-3 Datasheet (PDF) - Tyco Electronics

0-281698-3 Datasheet PDF - Tyco Electronics
Part # 0-281698-3
Download  0-281698-3 Download

File Size   71.98 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description HEADERS HEI4, SINGLE ROW, RIGHT ANGLE

0-281698-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
0-281698-3 Datasheet PDF - Tyco Electronics

Part # 0-281698-3
Download  0-281698-3 Click to download

File Size   71.98 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description HEADERS HEI4, SINGLE ROW, RIGHT ANGLE

0-281698-3 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 0-281698-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0-281695-2 MACOM-0-281695-2 Datasheet
64Kb / 1P
   HEADERS HE1402 SINGLE LOW
0-281695-2 MACOM-0-281695-2 Datasheet
121Kb / 1P
   HEADERS HE14, SINGLE ROW, STRAIGHT
0-281695-3 MACOM-0-281695-3 Datasheet
64Kb / 1P
   HEADERS HE1402 SINGLE LOW
0-281695-3 MACOM-0-281695-3 Datasheet
121Kb / 1P
   HEADERS HE14, SINGLE ROW, STRAIGHT
0-281695-4 MACOM-0-281695-4 Datasheet
64Kb / 1P
   HEADERS HE1402 SINGLE LOW
More results


Similar Description - 0-281698-3

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC1010AG1 DUBILIER-DBCPHC1010AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC2804AG1-XXX DUBILIER-DBCPHC2804AG1-XXX Datasheet
107Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 2.00mm
logo
Major League Electronic...
TSHR-2-S MAJOR-LEAGUE-TSHR-2-S Datasheet
92Kb / 1P
   .079cl Single Row - Right Angle Terminal Strip Headers
TSHCR-2-S MAJOR-LEAGUE-TSHCR-2-S Datasheet
79Kb / 1P
   .079cl Single Row - Custom Terminal Strip Headers - Right Angle
logo
Dubilier
DBCPHC1804AG1-XXX DUBILIER-DBCPHC1804AG1-XXX Datasheet
114Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE
DBCPHC2206AG1-XXX DUBILIER-DBCPHC2206AG1-XXX Datasheet
137Kb / 1P
   PIN HEADERS TRIPLE ROW RIGHT ANGLE
logo
Major League Electronic...
TSHCRE-2-S MAJOR-LEAGUE-TSHCRE-2-S Datasheet
96Kb / 1P
   .079cl Single Row - Custom - Elevated Terminal Strip Headers - Right Angle
TSHCR-1-S MAJOR-LEAGUE-TSHCR-1-S Datasheet
279Kb / 1P
   .100 cl Single Row - Right Angle Terminal Strip Headers - Custom
logo
Dubilier
DBCIDCB7S04AG1 DUBILIER-DBCIDCB7S04AG1 Datasheet
144Kb / 1P
   FEMALE HEADERS FEMALE HEADERS RIGHT ANGLE - 8.4mm PROFILE
DBCPHC1204AG1-XXX DUBILIER-DBCPHC1204AG1-XXX Datasheet
77Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 1.27MM
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com