Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF76419D3S Datasheet (PDF) - Fairchild Semiconductor

HUF76419D3S Datasheet PDF - Fairchild Semiconductor
Part # HUF76419D3S
Download  HUF76419D3S Download

File Size   197.65 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET

HUF76419D3S Datasheet (PDF)

Go To PDF Page Download Datasheet
HUF76419D3S Datasheet PDF - Fairchild Semiconductor

Part # HUF76419D3S
Download  HUF76419D3S Click to download

File Size   197.65 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET

HUF76419D3S Datasheet (HTML) - Fairchild Semiconductor

HUF76419D3S Datasheet HTML 1Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 2Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 3Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 4Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 5Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 6Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 7Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 8Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 9Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 10Page - Fairchild Semiconductor

HUF76419D3S Product details

Features
• Ultra Low On-Resistance
    - rDS(ON) = 0.037Ω, VGS = 10V
    - rDS(ON) = 0.043Ω, VGS = 5V
• Simulation Models
    - Temperature Compensated PSPICE® and SABER™ Electrical Models
    - Spice and SABER Thermal Impedance Models
    - www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Switching Time vs RGS Curves




Similar Part No. - HUF76419D3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76419D3S INTERSIL-HUF76419D3S Datasheet
332Kb / 9P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76419D3S FAIRCHILD-HUF76419D3S Datasheet
203Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
More results


Similar Description - HUF76419D3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76419D3 INTERSIL-HUF76419D3 Datasheet
332Kb / 9P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76429D3 FAIRCHILD-HUF76429D3 Datasheet
200Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76413D3 INTERSIL-HUF76413D3 Datasheet
105Kb / 9P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76423D3 INTERSIL-HUF76423D3 Datasheet
127Kb / 9P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76429D3 INTERSIL-HUF76429D3 Datasheet
332Kb / 9P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76423D3 FAIRCHILD-HUF76423D3 Datasheet
199Kb / 10P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETFairchild
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com